Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK500P Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # LNK500P
Description  2.4W Cell Phone Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK500P Datasheet(HTML) 5 Page - Power Integrations, Inc.

  LNK500P Datasheet HTML 1Page - Power Integrations, Inc. LNK500P Datasheet HTML 2Page - Power Integrations, Inc. LNK500P Datasheet HTML 3Page - Power Integrations, Inc. LNK500P Datasheet HTML 4Page - Power Integrations, Inc. LNK500P Datasheet HTML 5Page - Power Integrations, Inc. LNK500P Datasheet HTML 6Page - Power Integrations, Inc. LNK500P Datasheet HTML 7Page - Power Integrations, Inc. LNK500P Datasheet HTML 8Page - Power Integrations, Inc. LNK500P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DER-12
2.4W Cell Phone Charger using LNK500P
February 4, 2004
Page 5 of 19
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
3
Schematic
R3
1.5M
T1
6
5
1
4
3
R6
24
85-265 VAC
6V 400 mA
R4
1.5M
+
C5
470 uF,
10V
W1,14T
#28,TIW
C6
1000 pF, 100V
+
C1
4.7uF 400V
D5
1N4937
R5
20
C3
0.22uF, 50V
D2
1N4005
D7
6.2Vz
RF1
8.2 Ohm 1W
FUSIBLE
RTN
D1
1N4005
D6
11DQ06
+
C2
4.7uF 400V
D3
1N4005
R1
19.1K
C4
0.1uF, 100V
L2
Ferrite Bead
W2,9T,#36x5
R2
100
W3,98T,#36
L1
1mH
LNK500P
EE13
Lp=2450uH
L
D4
1N4005
FL
N
S
D
C
U1
Figure 1 – Flyback Converter – 2.4W 6V 0.4A.
4
PCB Layout
Figure 2 – PCB Layout


Similar Part No. - LNK500P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK500P POWERINT-LNK500P Datasheet
505Kb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK500P-TL POWERINT-LNK500P-TL Datasheet
505Kb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
More results

Similar Description - LNK500P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264P POWERINT-TNY264P_1 Datasheet
391Kb / 20P
   2.4W Cell Phone Charger
TNY266P POWERINT-TNY266P Datasheet
218Kb / 17P
   3.6W Cell Phone Charger
LNK501P POWERINT-LNK501P_1 Datasheet
419Kb / 23P
   2.2W Cell Phone Charger
TNY264P POWERINT-TNY264P Datasheet
369Kb / 19P
   2.4W Battery Charger/Adapter
logo
SUYIN USA, INC.
200707MB SUYIN-USA-200707MB Datasheet
145Kb / 1P
   CELL PHONE VIBRATOR MALE CONNECTOR
127240FA SUYIN-USA-127240FA Datasheet
116Kb / 1P
   CELL PHONE VIBRATOR FEMALE CONNECTOR
logo
Sanyo Semicon Device
LV5219LG SANYO-LV5219LG Datasheet
473Kb / 65P
   For cell phone LED driver
logo
Allegro MicroSystems
A8437 ALLEGRO-A8437 Datasheet
635Kb / 21P
   Mobile Phone Xenon Photoflash Capacitor Charger
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
Sanyo Semicon Device
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
   For cell phone system Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com