Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY267P Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # TNY267P
Description  9W DVD power supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY267P Datasheet(HTML) 5 Page - Power Integrations, Inc.

  TNY267P_1 Datasheet HTML 1Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 2Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 3Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 4Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 5Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 6Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 7Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 8Page - Power Integrations, Inc. TNY267P_1 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DER-7
9W DVD power supply using TNY267P
February 4, 2004
Page 5 of 20
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
3
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
85
265
VAC
2 Wire – no P.E.
Frequency
fLINE
47
50/60
64
Hz
No-load Input Power (230 VAC)
0.3
W
Output
Output Voltage 1
VOUT1
3.3
V
Output Ripple Voltage 1
VRIPPLE1
33
mV
20 MHz Bandwidth
Output Current 1
IOUT1
0.5
1.5
A
Output Voltage 2
VOUT2
5.0
V
± 5%
Output Ripple Voltage 2
VRIPPLE2
50
mV
20 MHz Bandwidth
Output Current 2
IOUT2
0.75
1.5
A
Output Voltage 3
VOUT3
12
V
Output Ripple Voltage 3
VRIPPLE3
60
mV
20 MHz Bandwidth
Output Current 3
IOUT3
0.1
0.5
A
Output Voltage 4
VOUT4
-12
V
zener regulated
Output Ripple Voltage 4
VRIPPLE4
60
mV
20 MHz Bandwidth
Output Current 4
IOUT4
0.01
A
Output Voltage 5
VOUT5
-23
V
Output Ripple Voltage 5
VRIPPLE5
400
mV
20 MHz Bandwidth
Output Current 5
IOUT5
0.01
.08
A
Output Voltage 6
VOUT6
3.0
V
floating output for display
Output Ripple Voltage 6
VRIPPLE6
200
mV
20 MHz Bandwidth
Output Current 6
IOUT6
0.1
A
Total Output Power
Continuous Output Power
POUT
9.0
W
Peak Output Power
POUT_PEAK
10.5
W
Efficiency
η
72
%
Measured at full load, 25
oC
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Ambient Temperature
TAMB
0
40
oC
Free convection, sea level


Similar Part No. - TNY267P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY267PG POWERINT-TNY267PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN-TL POWERINT-TNY267PN-TL Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY267PTL POWERINT-TNY267PTL Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY267P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY266P POWERINT-TNY266P_1 Datasheet
323Kb / 22P
   4.9W DVD power supply
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
   11W DVD Power Supply
TOP245P POWERINT-TOP245P Datasheet
1Mb / 35P
   17W (25W peak) DVD Recorder Power Supply
logo
STMicroelectronics
AN1948 STMICROELECTRONICS-AN1948 Datasheet
676Kb / 23P
   DVD combo power supply with the VIPer53-E
logo
Elite Enterprises (H.K....
PG1M-3LXP-003AC ELITE-PG1M-3LXP-003AC Datasheet
1Mb / 15P
   9W Power LED Module
PG1M-3LXP-3SC ELITE-PG1M-3LXP-3SC Datasheet
534Kb / 14P
   9W Power LED Module
PG1M-3LFP-3 ELITE-PG1M-3LFP-3 Datasheet
431Kb / 10P
   9W RGB Power LED Module
PF6N-9LFE ELITE-PF6N-9LFE Datasheet
1Mb / 15P
   9W RGB Power LED
logo
TriQuint Semiconductor
TGA2595 TRIQUINT-TGA2595 Datasheet
701Kb / 13P
   27.5 to 31GHz, 9W Power Amplifier
logo
Power Integrations, Inc...
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
   20 W (25 W peak) DVD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com