Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY264P Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # TNY264P
Description  2.4W Cell Phone Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264P Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button TNY264P Datasheet HTML 11Page - Power Integrations, Inc. TNY264P Datasheet HTML 12Page - Power Integrations, Inc. TNY264P Datasheet HTML 13Page - Power Integrations, Inc. TNY264P Datasheet HTML 14Page - Power Integrations, Inc. TNY264P Datasheet HTML 15Page - Power Integrations, Inc. TNY264P Datasheet HTML 16Page - Power Integrations, Inc. TNY264P Datasheet HTML 17Page - Power Integrations, Inc. TNY264P Datasheet HTML 18Page - Power Integrations, Inc. TNY264P Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DER-4
2.4W Cell Phone Charger
February 4, 2004
Page 15 of 20
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
7.4.2 Output Voltage Ripple
Figure 10 – Output Voltage Ripple (worst case) at Vin = 264 Vac, Vo = 6.0 V, Io = 400 mA


Similar Part No. - TNY264P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264P POWERINT-TNY264P Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264P POWERINT-TNY264P Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264P POWERINT-TNY264P Datasheet
369Kb / 19P
   2.4W Battery Charger/Adapter
TNY264P POWERINT-TNY264P Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264P POWERINT-TNY264P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY264P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK500P POWERINT-LNK500P_1 Datasheet
353Kb / 19P
   2.4W Cell Phone Charger
TNY266P POWERINT-TNY266P Datasheet
218Kb / 17P
   3.6W Cell Phone Charger
LNK501P POWERINT-LNK501P_1 Datasheet
419Kb / 23P
   2.2W Cell Phone Charger
TNY264P POWERINT-TNY264P Datasheet
369Kb / 19P
   2.4W Battery Charger/Adapter
logo
SUYIN USA, INC.
200707MB SUYIN-USA-200707MB Datasheet
145Kb / 1P
   CELL PHONE VIBRATOR MALE CONNECTOR
127240FA SUYIN-USA-127240FA Datasheet
116Kb / 1P
   CELL PHONE VIBRATOR FEMALE CONNECTOR
logo
Sanyo Semicon Device
LV5219LG SANYO-LV5219LG Datasheet
473Kb / 65P
   For cell phone LED driver
logo
Allegro MicroSystems
A8437 ALLEGRO-A8437 Datasheet
635Kb / 21P
   Mobile Phone Xenon Photoflash Capacitor Charger
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
Sanyo Semicon Device
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
   For cell phone system Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com