Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY264P Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TNY264P
Description  2.4W Cell Phone Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264P Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TNY264P_1 Datasheet HTML 8Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 9Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 10Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 11Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 12Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 13Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 14Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 15Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DER-4
2.4W Cell Phone Charger
February 4, 2004
Page 12 of 20
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
7
Performance Data
All measurements are performed at room temperature unless otherwise specified. The
output voltages are measured at the end of a 6-foot cable with 0.2
Ω total resistance.
7.1
Efficiency
The measurements are made for various load and line conditions. The efficiencies are
calculated and shown in Figure 5.
Efficiency Vs Output Current
30.00
35.00
40.00
45.00
50.00
55.00
60.00
65.00
70.00
50
100
150
200
250
300
350
400
Output Current (mA)
Vin = 90 Vac
Vin = 120 Vac
Vin = 220 Vac
Vin = 264 Vac
Figure 5 – Efficiency Vs Output Current


Similar Part No. - TNY264P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264PG POWERINT-TNY264PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY264PG POWERINT-TNY264PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY264PG-TL POWERINT-TNY264PG-TL Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY264PN POWERINT-TNY264PN Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264PN POWERINT-TNY264PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY264P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK500P POWERINT-LNK500P_1 Datasheet
353Kb / 19P
   2.4W Cell Phone Charger
TNY266P POWERINT-TNY266P Datasheet
218Kb / 17P
   3.6W Cell Phone Charger
LNK501P POWERINT-LNK501P_1 Datasheet
419Kb / 23P
   2.2W Cell Phone Charger
TNY264P POWERINT-TNY264P Datasheet
369Kb / 19P
   2.4W Battery Charger/Adapter
logo
SUYIN USA, INC.
200707MB SUYIN-USA-200707MB Datasheet
145Kb / 1P
   CELL PHONE VIBRATOR MALE CONNECTOR
127240FA SUYIN-USA-127240FA Datasheet
116Kb / 1P
   CELL PHONE VIBRATOR FEMALE CONNECTOR
logo
Sanyo Semicon Device
LV5219LG SANYO-LV5219LG Datasheet
473Kb / 65P
   For cell phone LED driver
logo
Allegro MicroSystems
A8437 ALLEGRO-A8437 Datasheet
635Kb / 21P
   Mobile Phone Xenon Photoflash Capacitor Charger
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
Sanyo Semicon Device
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
   For cell phone system Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com