Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY264P Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TNY264P
Description  2.4W Cell Phone Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264P Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TNY264P_1 Datasheet HTML 4Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 5Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 6Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 7Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 8Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 9Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 10Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 11Page - Power Integrations, Inc. TNY264P_1 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DER-4
2.4W Cell Phone Charger
February 4, 2004
Page 8 of 20
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
5
Bill Of Materials
Item
Qty
Reference
Part
1
1
BR1
DF06, 600 V, 1A, bridge rectifier
2
2
C1, C2
4.7
µF, 400V, AL electrolytic capacitor
3
1
C3
4700 pF, 1KV, ceramic capacitor
4
1
C4
1000 pF, 100V, 0805, ceramic capacitor
5
1
C5
470
µF, 10V, AL electrolytic low ESR capacitor
6
1
C6
100
µF, 10V, AL electrolytic low ESR capacitor
7
1
C8
0.1
µF, 50V, 0805, ceramic capacitor
8
1
D1
UG1B, 100V, 1A, 15 nSec, UFR
9
1
D5
1N4007GP, 1000V, 1A, 2
µS, glass passivated diode
10
1
D6
1N4001, 50V, 1A, diode
11
1
D7
BZX79C5.6V, zener, 5.6V, 0.5W, 2%
12
1
JP1
Jumper wire, # 22 AWG, 0.5 “
13
1
L1
1 mH Inductor
14
1
L2
Large Ferrite Bead
15
1
L3
1mH or Large ferrite bead (optional)
16
1
Q1
MMBT3906, PNP transistor, 40V, 200 mA
17
1
R1
10
Ω, 1W, fusible resistor
18
1
R2
200 K
Ω, 1/8W, 5%
19
1
R3
240
Ω, 1/8W, 5%
20
1
R4
330
Ω, 0805, 5%,
21
2
R5, R6
1.1
Ω, 0805, 1%,
22
1
R7
5.1
Ω, 1206, 5%
23
1
R8
0
Ω, 1206, 5%,
24
1
R9
100
Ω, 0805, 1%
25
1
R10
10 K
Ω, 1206, 5%, (optional)
26
1
T1
Flyback Transformer
27
1
U1
TNY264P
28
1
U2
PC817D, Optocoupler, CTR = 300 - 600 %
Table 2 – Bill of Materials


Similar Part No. - TNY264P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264PG POWERINT-TNY264PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY264PG POWERINT-TNY264PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY264PG-TL POWERINT-TNY264PG-TL Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY264PN POWERINT-TNY264PN Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264PN POWERINT-TNY264PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY264P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK500P POWERINT-LNK500P_1 Datasheet
353Kb / 19P
   2.4W Cell Phone Charger
TNY266P POWERINT-TNY266P Datasheet
218Kb / 17P
   3.6W Cell Phone Charger
LNK501P POWERINT-LNK501P_1 Datasheet
419Kb / 23P
   2.2W Cell Phone Charger
TNY264P POWERINT-TNY264P Datasheet
369Kb / 19P
   2.4W Battery Charger/Adapter
logo
SUYIN USA, INC.
200707MB SUYIN-USA-200707MB Datasheet
145Kb / 1P
   CELL PHONE VIBRATOR MALE CONNECTOR
127240FA SUYIN-USA-127240FA Datasheet
116Kb / 1P
   CELL PHONE VIBRATOR FEMALE CONNECTOR
logo
Sanyo Semicon Device
LV5219LG SANYO-LV5219LG Datasheet
473Kb / 65P
   For cell phone LED driver
logo
Allegro MicroSystems
A8437 ALLEGRO-A8437 Datasheet
635Kb / 21P
   Mobile Phone Xenon Photoflash Capacitor Charger
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
Sanyo Semicon Device
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
   For cell phone system Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com