Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HEF40162B Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. HEF40162B
Description  4-bit synchronous decade counter with synchronous reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40162B Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF40162B Datasheet HTML 1Page - NXP Semiconductors HEF40162B Datasheet HTML 2Page - NXP Semiconductors HEF40162B Datasheet HTML 3Page - NXP Semiconductors HEF40162B Datasheet HTML 4Page - NXP Semiconductors HEF40162B Datasheet HTML 5Page - NXP Semiconductors HEF40162B Datasheet HTML 6Page - NXP Semiconductors HEF40162B Datasheet HTML 7Page - NXP Semiconductors HEF40162B Datasheet HTML 8Page - NXP Semiconductors HEF40162B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
January 1995
2
Philips Semiconductors
Product specification
4-bit synchronous decade counter with
synchronous reset
HEF40162B
MSI
DESCRIPTION
The HEF40162B is a fully synchronous edge-triggered
4-bit decade counter with a clock input (CP), four
synchronous parallel data inputs (P0 to P3), four
synchronous mode control inputs (parallel enable (PE),
count enable parallel (CEP), count enable trickle (CET)
and synchronous reset (SR)), buffered outputs from all
four bit positions (O0 to O3) and a terminal count output
(TC).
Operation is synchronous and occurs on the LOW to HIGH
transition of CP. When PE is LOW, the next LOW to HIGH
transition of CP loads data into the counter from P0 to P3.
When PE is HIGH, the next LOW to HIGH transition of CP
advances the counter to its next state only if both CEP and
CET are HIGH; otherwise no change occurs in the state of
the counter. TC is HIGH when the state of the counter is 9
(O0 = O3 = HIGH, O1 =O2 = LOW) and when CET is
HIGH. A LOW on SR sets all outputs (O0 to O3 and TC)
LOW on the next LOW to HIGH transition of CP,
independent of the state of all other synchronous mode
control inputs (CEP, CET and PE). Multistage
synchronous counting is possible without additional
components by using a carry look-ahead counting
technique; in this case, TC is used to enable successive
cascaded stages. CEP, CET, PE and SR must be stable
only during the set-up time before the LOW to HIGH
transition of CP.
FAMILY DATA, IDD LIMITS category MSI
See Family Specifications
Fig.1 Functional diagram.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn