Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HEF40161B Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. HEF40161B
Description  4-bit synchronous binary counter with asynchronous reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40161B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF40161B Datasheet HTML 1Page - NXP Semiconductors HEF40161B Datasheet HTML 2Page - NXP Semiconductors HEF40161B Datasheet HTML 3Page - NXP Semiconductors HEF40161B Datasheet HTML 4Page - NXP Semiconductors HEF40161B Datasheet HTML 5Page - NXP Semiconductors HEF40161B Datasheet HTML 6Page - NXP Semiconductors HEF40161B Datasheet HTML 7Page - NXP Semiconductors HEF40161B Datasheet HTML 8Page - NXP Semiconductors HEF40161B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
January 1995
5
Philips Semiconductors
Product specification
4-bit synchronous binary counter with
asynchronous reset
HEF40161B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1 200 fi +∑ (foCL) × VDD2
where
dissipation per
10
5 600 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
16 000 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CP
→ On
5
110
220
ns
83 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
45
90
ns
34 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
5
115
230
ns
88 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
45
95
ns
34 ns
+ (0,23 ns/pF) CL
15
35
65
ns
27 ns
+ (0,16 ns/pF) CL
CP
→ TC
5
130
260
ns
103 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
105
ns
44 ns
+ (0,23 ns/pF) CL
15
35
75
ns
27 ns
+ (0,16 ns/pF) CL
5
140
280
ns
113 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
55
115
ns
44 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
CET
→ TC
5
105
210
ns
78 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
35
75
ns
27 ns
+ (0,16 ns/pF) CL
5
90
185
ns
63 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
35
70
ns
24 ns
+ (0,23 ns/pF) CL
15
25
50
ns
17 ns
+ (0,16 ns/pF) CL
MR
→ On
5
120
245
ns
93 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
MR
→ TC
5
145
295
ns
118 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
60
120
ns
49 ns
+ (0,23 ns/pF) CL
15
45
85
ns
37 ns
+ (0,16 ns/pF) CL


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn