Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFD16N05L Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RFD16N05L
Description  16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD16N05L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RFD16N05L Datasheet HTML 1Page - Fairchild Semiconductor RFD16N05L Datasheet HTML 2Page - Fairchild Semiconductor RFD16N05L Datasheet HTML 3Page - Fairchild Semiconductor RFD16N05L Datasheet HTML 4Page - Fairchild Semiconductor RFD16N05L Datasheet HTML 5Page - Fairchild Semiconductor RFD16N05L Datasheet HTML 6Page - Fairchild Semiconductor RFD16N05L Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©2003 Fairchild Semiconductor Corporation
RFD16N05L, RFD16N05LSM Rev. B1
FIGURE 7. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 8. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 9. NORMALIZED GATE THRESHOLD vs JUNCTION
TEMPERATURE
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
VGS, GATE TO SOURCE VOLTAGE (V)
5
47
1.4
1.1
1.0
0.7
0.9
0.8
0.6
6
0.5
ID = 16V
1.2
1.3
VDS = 15V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
0
2.5
1.5
0.5
-50
TJ, JUNCTION TEMPERATURE (
oC)
2.0
1.0
0
50
100
200
ID = 16A
150
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
1.1
0.9
0.7
-50
TJ, JUNCTION TEMPERATURE (
oC)
1.0
0.8
0.6
0
200
50
100
150
1.2
1.3
1.4
ID = 250µA
VGS = VDS
1.4
1.0
0.8
50
-50
TJ, JUNCTION TEMPERATURE (
oC)
1.2
0
100
200
0150
ID = 250µA
0.6
0
10
152025
VDS, DRAIN TO SOURCE VOLTAGE (V)
2000
1600
1200
0
5
800
400
CISS
CRSS
COSS
VGS = 0V
f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
50
37.5
12.5
0
20
I
GREF
()
I
GACT
()
-------------------------
t, TIME (
µs)
80
I
GREF
()
I
GACT
()
-------------------------
10
8
6
2
0
VDD = BVDSS
VDD = 0.75 BVDSS
VDD = 0.50 BVDSS
VDD = 0.25 BVDSS
DESCENDING ORDER:
RL = 3.125Ω, VGS = 5V
IG(REF) = 0.60mA
25
4
DRAIN SOURCE VOLTAGE
PLATEAU VOLTAGES IN
SOURCE
VOLTAGE
GATE
VDD = BVDSS
VDD = BVDSS
RFD16N05L, RFD16N05LSM


Similar Part No. - RFD16N05L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
RFD16N05LSM INTERSIL-RFD16N05LSM Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05LSM FAIRCHILD-RFD16N05LSM Datasheet
609Kb / 7P
   N-Channel Logic Level Power MOSFET 50V, 16A, 47 m廓
logo
VBsemi Electronics Co.,...
RFD16N05LSM VBSEMI-RFD16N05LSM Datasheet
897Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
RFD16N05LSM ONSEMI-RFD16N05LSM Datasheet
395Kb / 9P
   MOSFET - Power, N-Channel, Logic Level 50 V, 16 A, 47 m
May, 2019 - Rev. 2
More results

Similar Description - RFD16N05L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
RFD16N06LE INTERSIL-RFD16N06LE Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N06LESM FAIRCHILD-RFD16N06LESM Datasheet
193Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
RFD16N05 FAIRCHILD-RFD16N05_03 Datasheet
226Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP25N05L INTERSIL-RFP25N05L Datasheet
47Kb / 6P
   25A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFET
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com