Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3S49092SM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RF3S49092SM
Description  20A/10A, 12V, 0.060/0.140 Ohm, Logic Level, Complementary Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RF3S49092SM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RF3S49092SM Datasheet HTML 1Page - Fairchild Semiconductor RF3S49092SM Datasheet HTML 2Page - Fairchild Semiconductor RF3S49092SM Datasheet HTML 3Page - Fairchild Semiconductor RF3S49092SM Datasheet HTML 4Page - Fairchild Semiconductor RF3S49092SM Datasheet HTML 5Page - Fairchild Semiconductor RF3S49092SM Datasheet HTML 6Page - Fairchild Semiconductor RF3S49092SM Datasheet HTML 7Page - Fairchild Semiconductor RF3S49092SM Datasheet HTML 8Page - Fairchild Semiconductor RF3S49092SM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2004 Fairchild Semiconductor Corporation
RF3S49092SM Rev. C
RF3S49092SM
20A/10A, 12V, 0.060/0.140 Ohm, Logic
Level, Complementary Power MOSFET
These complementary power MOSFETs are manufactured
using an advanced MegaFET process. This process, which
uses feature sizes approaching those of LSI integrated
circuits, gives optimum utilization of silicon, resulting in
outstanding performance. It is designed for use in
applications such as switching regulators, switching
converters, motor drivers, relay drivers, and low voltage bus
switches. This product achieves full rated conduction at a
gate bias in the 3V to 5V range, thereby facilitating true
on-off power control directly from logic level (5V) integrated
circuits.
Formerly developmental type TA49092.
Features
• 20A, 12V (N-Channel)
10A, 12V (P-Channel)
•rDS(ON) = 0.060Ω (N-Channel)
rDS(ON) = 0.140Ω (P-Channel)
• Temperature Compensating PSPICE® Model
• On-Resistance vs Gate Drive Voltage Curves
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
Symbol
Packaging
JEDEC MO-169AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
RF3S49092SM
MO-169AB
F3S49092
NOTE: When ordering, use the entire part number. For ordering the
MO-169AB in tape and reel, add the suffix 9A to the part number, i.e.,
RF3S49092SM9A.
D1
S2
G2
G1
S1
G1
S1
S2
G2
D
Data Sheet
September 2004


Similar Part No. - RF3S49092SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF3S49092SM INTERSIL-RF3S49092SM Datasheet
244Kb / 13P
   20A/10A, 12V, 0.060/0.140 Ohm, Logic Level, Complementary Power MOSFET
More results

Similar Description - RF3S49092SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF3V49092 INTERSIL-RF3V49092 Datasheet
244Kb / 13P
   20A/10A, 12V, 0.060/0.140 Ohm, Logic Level, Complementary Power MOSFET
RF1K49092 INTERSIL-RF1K49092 Datasheet
248Kb / 13P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Harris Corporation
RFP10P03L HARRIS-RFP10P03L Datasheet
272Kb / 12P
   10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
logo
Intersil Corporation
RFD10P03L INTERSIL-RFD10P03L Datasheet
133Kb / 8P
   10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
ITF86116SQT INTERSIL-ITF86116SQT Datasheet
199Kb / 12P
   10A, 30V, 0.012 Ohm, N-Channel, Logic Level, Power MOSFET
ITF86172SK8T INTERSIL-ITF86172SK8T Datasheet
174Kb / 12P
   10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com