Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HEF4015B Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. HEF4015B
Description  Dual 4-bit static shift register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4015B Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4015B Datasheet HTML 1Page - NXP Semiconductors HEF4015B Datasheet HTML 2Page - NXP Semiconductors HEF4015B Datasheet HTML 3Page - NXP Semiconductors HEF4015B Datasheet HTML 4Page - NXP Semiconductors HEF4015B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
January 1995
4
Philips Semiconductors
Product specification
Dual 4-bit static shift register
HEF4015B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CP
→ On
5
130
260
ns
103 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
110
ns
44 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
5
120
240
ns
93 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
55
110
ns
44 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
MR
→ On
5
105
210
ns
78 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
45
90
ns
34 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
Set-up time
5
25
−15
ns
 see waveforms Figs 4 and 5
D
→ CP
10
tsu
25
−10
ns
15
20
−5ns
Hold time
5
40
20
ns
D
→ CP
10
thold
20
10
ns
15
15
8
ns
Minimum clock
5
60
30
ns
pulse width; LOW
10
tWCPL
30
15
ns
15
20
10
ns
Minimum MR
5
80
40
ns
pulse width; HIGH
10
tWMRH
30
15
ns
15
24
12
ns
Recovery time
5
50
20
ns
for MR
10
tRMR
30
10
ns
15
20
5
ns
Maximum clock
5
7
15
MHz
pulse frequency
10
fmax
15
30
MHz
15
22
44
MHz


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CD4015BM Dual 4-Bit Static Shift Register 1  2  3  4  5  More National Semiconductor (TI)
CD4015BC Dual 4-Bit Static Shift Register 1  2  3  4  5  More Fairchild Semiconductor
MC14015B Dual 4-Bit Static Shift Register 1  2  3  4  5  More ON Semiconductor
MC14015B Dual 4-Bit Static Shift Register 1  2  3  4  5  More Motorola, Inc
HD14015B Dual 4-bit Static Shift Register 1  2  3  4  5  More Hitachi Semiconductor
BU4015B Dual 4-bit static shift register 1  2  3  4  Rohm
74HC4015 Dual 4-bit serial-in/parallel-out shift register 1  2  3  4  5  More NXP Semiconductors
HCC4015B DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT 1  2  3  4  5  More STMicroelectronics
MMC4015 DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT / PARALLEL OUTPUT 1  2  3  4  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn