Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT6428 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. MMBT6428
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MMBT6428 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, October 2002
Thermal Characteristics T
A=25°C unless otherwise noted
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
°C/W
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
2N3904NPN GENERAL PURPOSE AMPLIFIER 1 2 3 Unisonic Technologies
MMBT2222ANPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2N4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MMBT5088NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MMBT2222NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
MMBT4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
BCV71NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5088NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2SC4617_04NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn