Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT6428 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MMBT6428
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MMBT6428 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, October 2002
Absolute Maximum Ratings* T
C=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
Electrical Characteristics T
C=25°C unless otherwise noted
*Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
60
V
IC
Collector Current
- Continuous
500
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Breakdown Voltage *
IC = 1.0mA, IB = 0
50
V
V(BR)CBO
Collector-Base BreakdownVoltage
IC = 100µA, IE = 0
60
V
ICEO
Collector Cut-off Current
VCE = 30V, IB = 0
0.1
µA
ICBO
Collector Cut-off Current
VCB = 30V, IE = 0
10
nA
IEBO
Emitter Cut-off Current
VEB = 5.0V, IB = 0
10
nA
On Characteristics
hFE
DC Current Gain
VCE = 5.0V, IC = 10µA
VCE = 5.0V, IC = 100µA
VCE = 5.0V, IC = 1.0mA
VCE = 5.0V, IC = 10mA
250
250
250
250
650
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
0.2
0.6
V
VBE(on)
Base-Emitter On Voltage
VCE = 5.0V, IC = 1.0mA
0.56
0.66
V
Small Signal Characteristics
fT
Current gain Bandwidth Product
VCE = 5.0V, IC = 1.0mA,
f = 100MHz
100
700
MHz
Cobo
Output Capacitance
VCB = 10V, IE = 0, f = 1.0MHz
3.0
pF
Cibo
Input Capacitance
VEB = 0.5V, IC = 0, f = 1.0MHz
8.0
pF
MMBT6428
NPN General Purpose Amplifier
• This device designed for general pupose amplifier applications at
collector currents to 300mA
• Sourced from process 10.
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3
Mark: 1K


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
2N3904NPN GENERAL PURPOSE AMPLIFIER 1 2 3 Unisonic Technologies
MMBT2222ANPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2N4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MMBT5088NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MMBT2222NPN General Purpose Amplifier 1 2 3 4 Fairchild Semiconductor
MMBT4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
BCV71NPN General Purpose Amplifier 1 2 3 Fairchild Semiconductor
2N5088NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2SC4617_04NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn