Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSS8-241.8 Datasheet(PDF) 1 Page - Recom International Power

Part # RSS8-241.8
Description  1 Watt SMD Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSS8-241.8 Datasheet(HTML) 1 Page - Recom International Power

  RSS8-241.8 Datasheet HTML 1Page - Recom International Power RSS8-241.8 Datasheet HTML 2Page - Recom International Power RSS8-241.8 Datasheet HTML 3Page - Recom International Power RSS8-241.8 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
22
www.recom-international.com
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SMD
(3kV)
(VDC)
(VDC)
(mA)
(%)
RSS**-xx1.8
(H)
1.8, 3.3, 5, 9, 12, 15, 24
1.8
555
70
RSS**-xx3.3
(H)
1.8, 3.3, 5, 9, 12, 15, 24
3.3
303
75
RSS**-xx05
(H)
1.8, 3.3, 5, 9, 12, 15, 24
5
200
70-78
RSS**-xx09
(H)
1.8, 3.3, 5, 9, 12, 15, 24
9
111
76-78
RSS**-xx12
(H)
1.8, 3.3, 5, 9, 12, 15, 24
12
84
78-80
RSS**-xx15
(H)
1.8, 3.3, 5, 9, 12, 15, 24
15
66
80-84
RSS**-xx24
(H)
1.8, 3.3, 5, 9, 12, 15, 24
24
42
74-85
RSD**-xx1.8
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±1.8
±278
70
RSD**-xx3.3
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±3.3
±152
70
RSD**-xx05
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±5
±100
74-78
RSD**-xx09
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±9
±56
76-80
RSD**-xx12
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±12
±42
78-82
RSD**-xx15
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±15
±33
78-82
RSD**-xx24
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±24
±21
80-84
xx = Input Voltage
100
60
20
40
95
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
100
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
RSS & RSS8 types
101mW min. / 126mW typ. / 220mW max.
RSD & RSD10 types
87mW min. / 130mW typ. / 230mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
H-Suffix
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
15pF min. / 70pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature ROHS compliant (for more details see Application Notes)
245°C (30 sec) max.
Relative Humidity
95% RH
continued on next page
1 Watt
SMD
Single & Dual
Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RSS** &
RSD**
Series
1kVDC Isolation
Internal SMD Construction
UL94V-0 Package Material
Power Density 1.8W/cm3
Optional Continuous Short Circuit Protected
Efficiency to 85%
Features
Unregulated
Converters
RSS** : ** without marking denotes standard pinning
** with marking
8 denotes with eight pins
RSD** : ** without marking denotes standard pinning
** with marking
10 denotes with ten pins
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RSS-051.8/P, RSS-051.8/HP
EN-60950-1 Certified
EN-60601-1 Certified (suffix H)


Similar Part No. - RSS8-241.8

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
RSS ILLINOISCAPACITOR-RSS Datasheet
189Kb / 2P
   Small size ??Low Prfile ??Lead Free Leads
logo
Nichicon corporation
RSS NICHICON-RSS Datasheet
706Kb / 2P
   High Capacitance
logo
Recom International Pow...
RSS-0505 RECOM-RSS-0505 Datasheet
116Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RSS-0505 RECOM-RSS-0505 Datasheet
114Kb / 4P
   1 Watt SMD Single & Dual Output
RSS-0509 RECOM-RSS-0509 Datasheet
116Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RSS8-241.8

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
   1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
   1 Watt SMD Single & Dual Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
   1 Watt SMD Single & Dual Output
R1M RECOM-R1M Datasheet
869Kb / 6P
   1 Watt SMD Single & Dual Output
REV.: 0/2023
R1S RECOM-R1S Datasheet
119Kb / 4P
   1 Watt SMD Single & Dual Output
RSS RECOM-RSS_10 Datasheet
249Kb / 6P
   1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-2405HP ETC2-R1S-2405HP Datasheet
126Kb / 4P
   1 Watt SMD Single Dual Output
logo
Recom International Pow...
R1D-1212 RECOM-R1D-1212 Datasheet
157Kb / 5P
   1 Watt SMD Single Dual Output
R1S-0515 RECOM-R1S-0515 Datasheet
126Kb / 4P
   1 Watt SMD Single Dual Output
R1S-2424 RECOM-R1S-2424 Datasheet
126Kb / 4P
   1 Watt SMD Single Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com