Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KA79LXXA Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. KA79LXXA
Description  3-Terminal 0.1A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

KA79LXXA Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
KA79LXXA
5
Electrical Characteristics(KA79L15A) (Continued)
(VI = -23V, IO = 40mA, CI = 0.33
µF, CO = 0.1µF, 0°C ≤TJ ≤ +125°C, unless otherwise specified)
Note
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
-14.4
-15.0
-15.6
V
Line Regulation (Note1)
∆VO
TJ = +25
°C
-17.5V
≥ VI ≥ -30V
-
-
300
mV
-20V
≥ VI ≥ -30V
-
-
250
mV
Load Regulation (Note1)
∆VO
TJ = +25
°C
1.0mA
≤ IO ≤ 100mA
-
-
150
mV
1.0mA
≤ IO ≤ 40mA
-
-
75
mV
Output Voltage
VO
-17.5V
≥ VI ≥ -30V, 1.0mA ≤ IO ≤ 40mA -14.25
-
-15.75
V
VI = -23V, 1.0mA
≤ IO ≤ 70mA
-14.25
-
-15.75
V
Quiescent Current
IQ
TJ = +25
°C-
-
6.0
mA
TJ = +125
°C-
-
6.5
Quiescent Current
Change
With Line
∆IQ
-20V
≥ VI ≥ -30V
-
-
1.5
mA
With Load
∆IQ
1.0mA
≤ IO ≤ 40mA
-
-
0.1
mA
Output Noise Voltage
VN
TA = +25
°C,10Hz ≤ f ≤ 100kHz
-
90
-
µV
Ripple Rejection
RR
f = 120Hz, -18.5V
≥ VI ≥ -28.5V
TJ = +25
°C
34
39
-
dB
Dropout Voltage
VD
TJ = +25
°C-
1.7
-
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM78XX_053-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM317L3-Terminal 0.1A Positive Adjustable Regulator 1 2 3 4 5 MoreFairchild Semiconductor
AZ78MXX_07500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AS7805A1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM337_061.5 A Adjustable Output Negative Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
LM79LXX100mA Negative Voltage Regulator 1 2 3 4 List of Unclassifed Manufacturers
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn