Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB-0515SHP Datasheet(PDF) 3 Page - Recom International Power

Part # RB-0515SHP
Description  1 Watt SIP7 & DIP14 Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-0515SHP Datasheet(HTML) 3 Page - Recom International Power

  RB-0515SHP Datasheet HTML 1Page - Recom International Power RB-0515SHP Datasheet HTML 2Page - Recom International Power RB-0515SHP Datasheet HTML 3Page - Recom International Power RB-0515SHP Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
30
www.recom-international.com
July-2006
Typical Characteristics
RB & RA
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.312
1212
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0515
3.315
1215
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0512
0.000
5.000
10.000
15.000
20.000
25.000
3.312
1212
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0515
0.000
5.000
10.000
15.000
20.000
25.000
3.315
1215
Package Style and Pinning (mm)
3rd angle
projection
7 PIN SIP Package
1.27
0.25
12.70
2.0
10.20
0.51 typ.
4.10
0.51 typ.
RECOM
RB-0505S
****
Dual Output
12
5
RECOM
RB-0505S
****
6
4
2.54
1.00ø+0.15/–0
2.54
19.60
Top View
Bottom View
12
5
RECOM
RB-0505D
****
6
Single Output
4
6.00
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
4NC
–Vout
5
–Vout
Com
6
+Vout
+Vout
NC = No Connection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RB/RA-xx12D
RB/RA-xx15D


Similar Part No. - RB-0515SHP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-0505 RECOM-RB-0505 Datasheet
90Kb / 2P
   ECONOLINE - DC/DC CONVERTER
RB-0505D RECOM-RB-0505D Datasheet
90Kb / 2P
   ECONOLINE - DC/DC CONVERTER
RB-0505S RECOM-RB-0505S Datasheet
90Kb / 2P
   ECONOLINE - DC/DC CONVERTER
RB-0505S RECOM-RB-0505S Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
RB-0505S/E RECOM-RB-0505S/E Datasheet
84Kb / 2P
   1 Watt SIP7 Single Output
More results

Similar Description - RB-0515SHP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RJ-1.81.8S RECOM-RJ-1.81.8S_06 Datasheet
109Kb / 3P
   1 Watt DIP14 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-1205D RECOM-RY-1205D Datasheet
112Kb / 2P
   ECONOLINE - DC/DC-Converter, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com