Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HCD332 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part No. HCD332
Description  5V OCXO HCMOS OUTPUT STRATUM 3E
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOLLEDGE [Golledge Electronics Ltd]
Homepage  http://www.golledge.com
Logo 

HCD332 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
Option
Codes
HCD332
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
5V OCXO HCMOS Output Stratum 3e
HCD332
06 Mar 2000
36.10 (max)
13.00
(max)
8.90
27.20 (max)
1
2
3
4
5
0.80Ø
5.00
PIN
1
2
3
4
5
CONNECTION
Freq adjustment
Ref voltage out
Supply
RF output
Ground & case
BOTTOM VIEW
8.90
25.40
Features
Stratum 3 & 3e compliant
5V supply
Low height compact package
Standard European IEC CO-08 pin-out
Cost effective
Custom options available
Product name + frequency
eg: HCD332 16.3840MHz
HCD332 19.440MHz
Option code X (eg HCD332/X) denotes a custom specification.
Ordering Information
Scale 1:1
Specifications
Frequency range:
5.0 ~ 50.0MHz
(8.1920, 16.3840 & 19.440MHz std)
Frequency stability:
±1x10-9 / day after 30 days
±1x10-7 / year max
±1x10-8 per 5% change in V
DD
Temperature stability:
±3x10-8 over 0 to +70°C
Overall stability:
±4.6x10-6 max
(20yrs, all causes, as per Stratum 3e)
Operating temperature range:
0 to +70°C
Other options from -40°C
specify
Storage temperature range:
-40 to +90°C
Output waveform:
HCMOS / TTL compatible
Frequency adjustment:
±9.2x10-6 min, +0.5 to +3.9V
(sufficient for 10 years ageing min)
Stabilised +4.0V supply provided
Supply voltage (V
DD):
+5.0V (±0.25V)
Power consumption:
2.0W max at switch on
1.1W typ when stabilised at 25°C
Warm up:
±5x10-8 after 10mins at +25°C
Phase noise (@ 10.0MHz):
< -100dBc/Hz @ 10Hz
< -120dBc/Hz @ 100Hz
< -135dBc/Hz @ 1kHz
< -150dBc/Hz @ 10kHz
< -150dBc/Hz @ 50kHz
Shock:
IEC 68-2-27 Test Ea
50G for 11ms
Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCD180OCXO HCMOS OUTPUT 1 Golledge Electronics Ltd
HCD190OCXO HCMOS OUTPUT 1 Golledge Electronics Ltd
HCD7112V OCXO Sine Output 1 Golledge Electronics Ltd
HCD170OCXO Sine Output 1 Golledge Electronics Ltd
HCD210OCXO Sine Output 1 Golledge Electronics Ltd
HCD220OCXO Sine Output 1 Golledge Electronics Ltd
MC100EP16F3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing 1 2 3 4 5 MoreON Semiconductor
AD56242.7 V to 5.5 V 450 μA Rail-to-Rail Output Quad 12-/16-Bit nanoDACs 1 2 3 4 5 MoreAnalog Devices
MOC8111XNON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 2 3 ISOCOM COMPONENTS
LFO-18-ICW output power > 0.8 mW 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn