Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQD-091.8P Datasheet(PDF) 1 Page - Recom International Power

Part # RQD-091.8P
Description  0.25 Watt SMD Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RQD-091.8P Datasheet(HTML) 1 Page - Recom International Power

  RQD-091.8P Datasheet HTML 1Page - Recom International Power RQD-091.8P Datasheet HTML 2Page - Recom International Power RQD-091.8P Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
11
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SMD
(VDC)
(VDC)
(mA)
(%)
RQS-xx1.8
1.8, 3.3, 5, 9, 12, 15, 24
1.8
139
70
RQS-xx3.3
1.8, 3.3, 5, 9, 12, 15, 24
3.3
76
65-70
RQS-xx05
1.8, 3.3, 5, 9, 12, 15, 24
5
50
66-72
RQS-xx09
1.8, 3.3, 5, 9, 12, 15, 24
9
28
70-72
RQS-xx12
1.8, 3.3, 5, 9, 12, 15, 24
12
21
70-72
RQS-xx15
1.8, 3.3, 5, 9, 12, 15, 24
15
17
70-76
RQS-xx24
1.8, 3.3, 5, 9, 12, 15, 24
24
10
70-80
RQD-xx1.8
1.8, 3.3, 5, 9, 12, 15, 24
±1.8
±70
70
RQD-xx3.3
1.8, 3.3, 5, 9, 12, 15, 24
±3.3
±38
65-70
RQD-xx05
1.8, 3.3, 5, 9, 12, 15, 24
±5
±25
66-72
RQD-xx09
1.8, 3.3, 5, 9, 12, 15, 24
±9
±14
70-72
RQD-xx12
1.8, 3.3, 5, 9, 12, 15, 24
±12
±11
70-72
RQD-xx15
1.8, 3.3, 5, 9, 12, 15, 24
±15
±9
70-76
RQD-xx24
1.8, 3.3, 5, 9, 12, 15, 24
±24
±5
70-80
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RQS-051.8/P, RQD-051.8/P
100
60
20
40
95
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
100
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
65% min. / 75% typ.
No Load Power Consumption
45mW min. / 75mW typ. / 105mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
25pF min. / 82pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec) max.
(for more details see Application Notes)
Relative Humidity
95% RH
Package Weight
RQS types
1.5g
RQD types
2.2g
MTBF (+25°C)
using MIL-HDBK 217F
1345 x 10
3 hours
(+85°C)
using MIL-HDBK 217F
310 x 10
3 hours
0.25 Watt
SMD
Single & Dual
Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RQS & RQD
Series
1kVDC Isolation
Internal SMD Construction
UL94V-0 Package Material
Optional Continuous Short Circuit Protected
Efficiency to 80%
Features
Unregulated
Converters
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RQD-091.8P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RQD-1.805 RECOM-RQD-1.805 Datasheet
89Kb / 3P
   0.25 Watt SMD Single & Dual Output
RQD-1.809 RECOM-RQD-1.809 Datasheet
89Kb / 3P
   0.25 Watt SMD Single & Dual Output
RQD-1.81.8 RECOM-RQD-1.81.8 Datasheet
89Kb / 3P
   0.25 Watt SMD Single & Dual Output
RQD-1.812 RECOM-RQD-1.812 Datasheet
89Kb / 3P
   0.25 Watt SMD Single & Dual Output
RQD-1.815 RECOM-RQD-1.815 Datasheet
89Kb / 3P
   0.25 Watt SMD Single & Dual Output
More results

Similar Description - RQD-091.8P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RQS RECOM-RQS Datasheet
89Kb / 3P
   0.25 Watt SMD Single & Dual Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R0.25S-D RECOM-R0.25S-D Datasheet
128Kb / 4P
   0.25 Watt SMD Single, Dual Independent Outputs
RM RECOM-RM_10 Datasheet
81Kb / 2P
   0.25 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RM-1.81.8S RECOM-RM-1.81.8S_06 Datasheet
100Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RBL-3.305S-E RECOM-RBL-3.305S-E Datasheet
92Kb / 2P
   0.25 Watt SIP7 Isolated Single Output
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
   1 Watt SMD Single & Dual Output
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
   2 Watt SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com