Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL062NR1 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HCPL062NR1
Description  3.3V Dual Channel High Speed-10 MBit/s Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL062NR1 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL062NR1 Datasheet HTML 2Page - Fairchild Semiconductor HCPL062NR1 Datasheet HTML 3Page - Fairchild Semiconductor HCPL062NR1 Datasheet HTML 4Page - Fairchild Semiconductor HCPL062NR1 Datasheet HTML 5Page - Fairchild Semiconductor HCPL062NR1 Datasheet HTML 6Page - Fairchild Semiconductor HCPL062NR1 Datasheet HTML 7Page - Fairchild Semiconductor HCPL062NR1 Datasheet HTML 8Page - Fairchild Semiconductor HCPL062NR1 Datasheet HTML 9Page - Fairchild Semiconductor HCPL062NR1 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
www.fairchildsemi.com
HCPL062N Rev. 1.0.0
Typical Performance Curves
Fig. 1 Forward Current vs. Forward Voltage
VF – FORWARD VOLTAGE (V)
Fig. 2 High Level Output Current vs.
Ambient Temperature
Fig. 3 Low Level Output Current vs. Ambient Temperature
TA – AMBIENT TEMPERATURE (°C)
TA – AMBIENT TEMPERATURE (°C)
Fig. 4 Input Threshold Current vs. Temperature
TA – AMBIENT TEMPERATURE (°C)
-40
-20
0
20
406080
100
-40
-20
0
20
406080
100
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0.001
0.01
0.1
1
10
100
TA = 100
oC
TA = 85
oC
TA = -40
oC
TA = 0
oC
TA = 25
oC
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
12
VO = VCC = 3.3V
IF = 250µA
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 3.3V
VO = 0.6V
RL = 350Ω, 1kΩ, 4kΩ
10
15
20
25
30
35
40
V
CC
= 3.3V
VOL = 0.6V
IF = 5mA


Similar Part No. - HCPL062NR1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
616Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL062NR1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD260L FAIRCHILD-FOD260L_11 Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com