Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HEF4000B Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. HEF4000B
Description  Dual 3-input NOR gate and inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4000B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4000B Datasheet HTML 1Page - NXP Semiconductors HEF4000B Datasheet HTML 2Page - NXP Semiconductors HEF4000B Datasheet HTML 3Page - NXP Semiconductors HEF4000B Datasheet HTML 4Page - NXP Semiconductors HEF4000B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
January 1995
5
Philips Semiconductors
Product specification
Dual 3-input NOR gate and inverter
HEF4000B
gates
Fig.7 Test set-up for measuring forward transconductance gfs =dio/dvi at vo is constant (see also graph Fig.8).
Fig.8 Typical forward transconductance gfs as a function of the supply voltage at Tamb =25 °C.
A: average
B: average + 2 s,
C: average
− 2 s, in where ‘s’ is the observed standard deviation.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MM54C00 Quad 2-Input NAND Gate Quad 2-Input NOR Gate Hex Inverter Triple 3-Input NAND Gate Dual 4-Input NAND Gate 1  2  3  4  5  More National Semiconductor (TI)
MC10H211 Dual 3-Input 3-Output NOR Gate 1  2  3  ON Semiconductor
54AC11 Triple 3-Input AND Gate 1  2  3  4  5  More National Semiconductor (TI)
74ALS11A Triple 3-Input AND gate 1  2  3  4  5  More NXP Semiconductors
SN74LVC2G08 DUAL 2 INPUT POSITIVE AND GATE 1  2  3  4  5  More Texas Instruments
54LS26 Dual 5-Input NOR Gate 1  2  National Semiconductor (TI)
11C01 Dual 5-4 Input OR/NOR Gate 1  2  3  Fairchild Semiconductor
74ALS27 Triple 3-Input NOR gate 1  2  3  4  5  More NXP Semiconductors
M74HC11 TRIPLE 3-INPUT AND GATE 1  2  3  4  5  More STMicroelectronics
TC74VHC11F TRIPLE 3-INPUT AND GATE 1  2  3  4  5  Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn