Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXO-194 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GXO-194
Description  SM PROGRAMMABLE OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GXO-194 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GXO-194 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
SM Programmable Oscillator
GXO-194
24 Feb 1999
7.15
(max)
5.15
(max)
1.60
(max)
5.08
1.40
2.60
12
3
4
PAD
1
2
3
4
CONNECTION
Enable/Disable
Ground
Output
Supply
ACTUAL SIZE
Features
Wide frequency range
Factory programmable
Custom frequencies on quick delivery
Enable / disable tristate function
Stand-by power saving function
Miniature SM package
Product name + variant + option codes (if any) + frequency
eg: GXO-194L 80.0MHz ±100ppm, 3.3V supply, CMOS
GXO-194S/B 106.250MHz ±50ppm, 5.0V supply, CMOS
Option code X (eg GXO-194T/X) denotes a custom spec.
Availability of industrial temperature range (-40 to +85°C)
depends on frequency.
* Frequency stability excludes ageing, shock and vibration.
Ordering Information
Scale 3:1
Specifications
GXO-194L: 3.3V supply, 15pF CMOS
GXO-194S: 5.0V supply, 25pF CMOS
GXO-194T: 5.0V supply, 5TTL
Option
Codes
LS
T
Variant
Parameters
Standard.
Optional - Please specify required code(s) when ordering
PHOTO NOT AVAILABLE
Input (pad 1)
Output (pad 3)
Enable / Disable Function
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Frequency range:
1.0 ~ 100MHz
1.0 ~ 125MHz
Frequency stability:
±100ppm
* See note
±50ppm
B
Operating temperature range:
-10 to +70°C
-40 to +85°C
I
Storage temperature range:
-55 to +125°C
Supply voltage (V
DD):
+3.3V (±0.3V)
+5.0V (±0.5V)
Supply current (max):
25mA
45mA
Driving ability:
15pF CMOS
25pF CMOS
5TTL
Logic levels:
‘0’ level = 0.4V max
‘1’ level = V
DD-0.4V min
‘1’ level = 2.4V min
Start up time:
10ms max
Rise / fall times:
4ns max
Waveform symmetry:
40:60 @ 50%V
DD
40:60 @ 1.4V
Output enable / disable time:
100ns / 100ns
Enable / disable function:
Tristate (control via pad 1)
Stand-by Current:
20µA max
50µA max
Ageing:
±5ppm max first year
Shock Resistance:
±20ppm max


Similar Part No. - GXO-194

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-2201G GOLLEDGE-GXO-2201G Datasheet
590Kb / 5P
   1.8V CMOS Oscillator with Low Jitter
GXO-2201J GOLLEDGE-GXO-2201J Datasheet
590Kb / 5P
   2.5V CMOS Oscillator with Low Jitter
GXO-2201L GOLLEDGE-GXO-2201L Datasheet
590Kb / 5P
   3.3V CMOS Oscillator with Low Jitter
GXO-3200G GOLLEDGE-GXO-3200G Datasheet
595Kb / 5P
   High Frequency, Tight Stability 1.8V Oscillator with 2520 Package
GXO-3200J GOLLEDGE-GXO-3200J Datasheet
595Kb / 5P
   High Frequency, Tight Stability 2.5V Oscillator with 2520 Package
More results

Similar Description - GXO-194

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CXOM GOLLEDGE-CXOM Datasheet
52Kb / 1P
   SM OSCILLATOR
CXO GOLLEDGE-CXO Datasheet
49Kb / 1P
   SM OSCILLATOR
logo
List of Unclassifed Man...
GXO-6451 ETC-GXO-6451 Datasheet
55Kb / 1P
   5V SM OSCILLATOR
logo
Golledge Electronics Lt...
GXO-U110 GOLLEDGE-GXO-U110 Datasheet
53Kb / 1P
   5V SM OSCILLATOR
logo
List of Unclassifed Man...
GXO-U110 ETC-GXO-U110 Datasheet
50Kb / 1P
   5V SM OSCILLATOR
GXO-7551 ETC-GXO-7551 Datasheet
55Kb / 1P
   5V SM OSCILLATOR
logo
Analog Devices
AD2S99 AD-AD2S99_17 Datasheet
351Kb / 9P
   Programmable Oscillator
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
   Programmable Oscillator
logo
Analog Devices
AD2S99APZ AD-AD2S99APZ Datasheet
320Kb / 8P
   Programmable Oscillator
REV. B
AD2S99BPZ AD-AD2S99BPZ Datasheet
320Kb / 8P
   Programmable Oscillator
REV. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com