Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSXO-92 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSXO-92
Description  2.3V ~ 53.6V SM TCXO CLIPPED SINE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSXO-92 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSXO-92 Datasheet HTML 1Page - Golledge Electronics Ltd GSXO-92 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12.80000
13.00000
14.40000
15.00000
15.36000
16.00000
16.36800
19.20000
19.44000
19.68000
19.80000
24.55350
26.00000
40.00000
2.3V ~ 3.6V SM TCXO Clipped Sine
GTXO-92
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
06 Jul 2006
Frequencies in MHz
ACTUAL SIZE
TOP VIEW
3.30
(max)
2.60
(max)
1.00
(max)
1.00
1.60
12
4
3
1
6
3
4
0.50
0.70
1.00
0.80
0.80
5
6
1.30
PAD
1
2
3
4
5
6
CONNECTION
Ground or
Freq adjustment
Not connected
Ground
Output
Not connected
Supply
Features
« Supply voltages from 2.3V ~ 3.6V
« Low power consumption
« Miniature SM package
« Excellent frequency stability
Product name + variant + option codes + frequency
Option codes must be included to properly specify a model.
eg: GTXO-92V/JS 13.00MHz ±2.5ppm -30+75°C, TCXO with VC
GTXO-92T/HN 14.40MHz ±2.0ppm -20+70°C, TCXO no VC
Option code X (eg GTXO-92V/X) denotes a custom spec.
Ordering Information
Scale 3:1
Standard Frequencies
Standard.
Optional - Please specify required code(s) when ordering
1: Will operate within specification on any supply voltage from
+2.3V to +3.6V.
2: The output is not DC-free. A coupling capacitor (10nF) may be
required.
Option
Codes
TV
Variant
Parameters
Specifications
GTXO-92T: TCXO, no frequency adjustment
GTXO-92V: TCXO with VC frequency adjustment
Frequency range:
8.0 ~ 44.0MHz
Frequency stability:
±3.0ppm
K
±2.5ppm
J
±2.0ppm
H
±1.5ppm
G
Temperature range:
0 to +50°C
R
-10 to +60°C
C
-20 to +70°C
N
-30 to +75°C
S
Storage temperature range:
-40 to +85°C
Frequency vs supply voltage:
±0.2ppm, V
DD ±5%
Ageing:
±1.0ppm max first year
Supply voltage (V
DD):
+2.3V ~ +3.6V
(see note 1)
Supply current:
1.5mA max (<20.0MHz)
2.0mA max (>=20.0MHz)
Output waveform:
Clipped sine, 0.8V p-p
(see note 2)
Test load:
10k
// 10pF
Start up time:
2.5ms max
Frequency adjustment:
None
±8ppm min, +1.5 ±1.0V
Phase noise (typ @ 20.0MHz):
-54dBc/Hz @ 1Hz
-86dBc/Hz @ 10Hz
-135dBc/Hz @ 1kHz
-151dBc/Hz @ 100kHz
Stability 2hrs after reflow:
±1.0ppm max
Preset frequency:
±0.5ppm / +25°C ±2°C
Other frequencies available. Please consult our sales office.


Similar Part No. - GSXO-92

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSXO-71 GOLLEDGE-GSXO-71 Datasheet
90Kb / 2P
   2.7V ~ 5.5V SM TCXO CLIPPED SINE
GSXO-81 GOLLEDGE-GSXO-81 Datasheet
48Kb / 1P
   2.7V ~ 5.0V SM TCXO CLIPPED SINE
GSXO-81T GOLLEDGE-GSXO-81T Datasheet
48Kb / 1P
   2.7V ~ 5.0V SM TCXO CLIPPED SINE
GSXO-81V GOLLEDGE-GSXO-81V Datasheet
48Kb / 1P
   2.7V ~ 5.0V SM TCXO CLIPPED SINE
More results

Similar Description - GSXO-92

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GTXO-92 GOLLEDGE-GTXO-92 Datasheet
82Kb / 2P
   2.3V ~ 3.6V SM TCXO Clipped Sine
GTXO-83 GOLLEDGE-GTXO-83_15 Datasheet
177Kb / 2P
   2.4V - 5.5V SM TCXO Clipped Sine
GSXO-81 GOLLEDGE-GSXO-81 Datasheet
48Kb / 1P
   2.7V ~ 5.0V SM TCXO CLIPPED SINE
GTXO-83 GOLLEDGE-GTXO-83_08 Datasheet
82Kb / 2P
   2.4V ~ 5.5V SM TCXO Clipped Sine
GTXO-91 GOLLEDGE-GTXO-91 Datasheet
171Kb / 2P
   1.8V - 3.3V SM TCXO Clipped Sine
GTXO-560 GOLLEDGE-GTXO-560_15 Datasheet
190Kb / 1P
   3V & 5V SM TCXO Clipped Sine
GTXO566 GOLLEDGE-GTXO566 Datasheet
63Kb / 1P
   3V & 5V Clipped Sine SM TCXO
GSXO-71 GOLLEDGE-GSXO-71 Datasheet
90Kb / 2P
   2.7V ~ 5.5V SM TCXO CLIPPED SINE
GTXO83 GOLLEDGE-GTXO83 Datasheet
91Kb / 2P
   2.4V ~ 5.5V SM TCXO Clipped Sine
GTXO560 GOLLEDGE-GTXO560 Datasheet
66Kb / 1P
   3V & 5V SM TCXO Clipped Sine
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com