Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SBU3157 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # NC7SBU3157
Description  Low Voltage SPDT Analog Switch with 2V Undershoot Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SBU3157 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button NC7SBU3157 Datasheet HTML 3Page - Fairchild Semiconductor NC7SBU3157 Datasheet HTML 4Page - Fairchild Semiconductor NC7SBU3157 Datasheet HTML 5Page - Fairchild Semiconductor NC7SBU3157 Datasheet HTML 6Page - Fairchild Semiconductor NC7SBU3157 Datasheet HTML 7Page - Fairchild Semiconductor NC7SBU3157 Datasheet HTML 8Page - Fairchild Semiconductor NC7SBU3157 Datasheet HTML 9Page - Fairchild Semiconductor NC7SBU3157 Datasheet HTML 10Page - Fairchild Semiconductor NC7SBU3157 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.fairchildsemi.com
REEL DIMENSIONS inches (millimeters)
Tape Size
A
BCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
 0.059/0.000
0.567
W1
 0.078/0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
 1.50/0.00)
(14.40)
(W1
 2.00/1.00)


Similar Part No. - NC7SBU3157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157 Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
NC7SBU3157 FAIRCHILD-NC7SBU3157 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7SBU3157P6X FAIRCHILD-NC7SBU3157P6X Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
NC7SBU3157P6X FAIRCHILD-NC7SBU3157P6X Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
More results

Similar Description - NC7SBU3157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157 Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
logo
Texas Instruments
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
Fairchild Semiconductor
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
   20-Bit Low Power Bus Switch with -2V Undershoot Protection
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com