Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU-3.30909P Datasheet(PDF) 1 Page - Recom International Power

Part # RU-3.30909P
Description  1 Watt SIP7 Isolated Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RU-3.30909P Datasheet(HTML) 1 Page - Recom International Power

  RU-3.30909P Datasheet HTML 1Page - Recom International Power RU-3.30909P Datasheet HTML 2Page - Recom International Power RU-3.30909P Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
47
July-2006
Part
Input
Output
Output
Output
Efficiency
Number
Voltage
Voltage
Voltage
Current
SIP 7
(VDC)
(V1VDC)
(V2VDC)
(mA)
(%)
RU-xx1.81.8
1.8, 3.3, 5, 9, 12, 24
1.8
1.8
278/278
70
RU-xx3.33.3
1.8, 3.3, 5, 9, 12, 24
3.3
3.3
152/152
70
RU-xx053.3
1.8, 3.3, 5, 9, 12, 24
5
3.3
100/152
70
RU-xx0505
1.8, 3.3, 5, 9, 12, 24
5
5
100/100
70-78
RU-xx0509
1.8, 3.3, 5, 9, 12, 24
5
9
100/55
75
RU-xx0512
1.8, 3.3, 5, 9, 12, 24
5
12
100/42
75
RU-xx0515
1.8, 3.3, 5, 9, 12, 24
5
15
100/33
78
RU-xx0909
1.8, 3.3, 5, 9, 12, 24
9
9
55/55
75-80
RU-xx1212
1.8, 3.3, 5, 9, 12, 24
12
12
42/42
78-80
RU-xx1515
1.8, 3.3, 5, 9, 12, 24
15
15
33/33
80-82
RU-xx2424
1.8, 3.3, 5, 9, 12, 24
24
24
21/21
80-84
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g. RU-050505
/P
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
1 Watt
SIP7
Isolated
Dual Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RU
Series
Twin Independent Outputs
Output/Output Isolation 1kVDC
Power Sharing on Outputs
Input/Output Isolation 1kVDC
No Heatsink Required
UL94V-0 Package Material
Optional Continuous Short Circuit Protected
No External Components Required
Custom Solutions Available
Efficiency to 84%
Features
Unregulated
Converters
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
75mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
87mW min. / 130mW typ. / 220mW max.
Isolation Voltage
1)
(tested for 1 second)
1000VDC min.
Rated Working Voltage
1)
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 94pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
2.7g
MTBF (+25°C)
using MIL-HDBK 217F
1012 x 10
3 hours
(+85°C)
using MIL-HDBK 217F
151 x 10
3 hours
Selection Guide
Specifications (Core Operating Area)
1) Input/Output and Output V1/Output V2
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RU-3.30909P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RU-3.30909 RECOM-RU-3.30909 Datasheet
96Kb / 3P
   1 Watt SIP7 Isolated Dual Output
More results

Similar Description - RU-3.30909P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RU-1.81.81.8 RECOM-RU-1.81.81.8 Datasheet
96Kb / 3P
   1 Watt SIP7 Isolated Dual Output
RUZ RECOM-RUZ Datasheet
97Kb / 3P
   2 Watt SIP7 Isolated Dual Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RUZ-053.33.3 RECOM-RUZ-053.33.3_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Isolated Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RB-XX3.3S RECOM-RB-XX3.3S Datasheet
126Kb / 3P
   1 Watt SIP7 Single & Dual Output
RK-H6 RECOM-RK-H6_18 Datasheet
951Kb / 5P
   1 Watt SIP7 Single and Dual Output
RD-XX05D RECOM-RD-XX05D Datasheet
99Kb / 2P
   Watt SIP7 Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com