Electronic Components Datasheet Search |
|
PST3432 Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp. |
|
PST3432 Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp. |
5 / 9 page MITSUMI IC for CMOS System Reset PST31XX~34XX Description of Operation (1) VDD > VS, VOUT: H (M1: ON, M2, M3: OFF) When VDD is gradually lowered from the above state, detection voltage is as follows. Detection voltage: (R1 + R2 + R3) / (R2 + R3) VREF (2) VDD < VS, VOUT: L (M1: OFF, M2, M3: ON) When VDD is gradually raised from the above state, release voltage is as follows. Release voltage = (R1 + R2) / (R2) VREF (3) Hysteresis voltage = (release voltage) - (detection voltage). (4) When VDD drops and goes below the minimum operating voltage, output is undefined; when output is pulled up, output becomes VDD. (5) VREF and detection resistors 1) The reference voltage source (VREF) for this IC is 0.8V typ. This gives excellent low power consumption and temperature characteristics. 2) The high resistance process is used for resistors R1, R2 and R3 to achieve low consumption current for the IC. (6) Through current flows momentarily for detection and release. When using high VDD pin impedance, the through current may cause oscillation. (Example) Detection voltage changed by external settings * The IC input voltage fluctuates due to the through current R11 voltage drop, and an oscillation state where detection and release are repeated may occur. * With CMOS output types, do not use as shown in the diagram at left. |
Similar Part No. - PST3432 |
|
Similar Description - PST3432 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |