Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSX-250 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX-250
Description  SM Crystal LOW FREQUENCY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-250 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-250 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal Low Frequency
GSX-250
10 Aug 1998
Option
Codes
ACTUAL SIZE
2.75
0.15
SOLDER PAD LAYOUT
4.20
1.30
1.30
1.90
1.30
1.90
43
12
TOP VIEW
0.90
2.43
5.50
2.50
(max)
3
4
12
8.00
(max)
0.50
3.80
(max)
3.40
Features
« Plastic moulded surface mount package
« Miniature size for high density applications
« Wide operating temperature range
« Supplied on tape and reel
GSX-250
Product
Parameters
Product name + option codes (if any) + frequency
eg:
GSX-250 32.0kHz
GSX-250 76.80kHz ±20ppm
Option code X (eg GSX-250/X) denotes a custom specification.
Supplied on T&R - 3k pcs per reel.
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Ordering Information
Specifications
Standard Frequencies
Frequencies in kHz
32.000000
38.000000
44.100000
75.000000
76.800000
77.500000
96.000000
Frequency range: 30.0 ~ 100kHz
Calibration tolerance:
±50ppm
±5 ~ ±100ppm
specify
Temperature stability:
-50ppm (-10 to +60°C)
-130ppm (-30 to +80°C)
Operating temperature range:
-10 to +60°C
Other
specify
Storage temperature range:
-55 to +125°C
Turnover temperature (T0):
+25°C ±5°C
Frequency / temp coefficient:
-0.034 ±0.006ppm/°C2 typ
Circuit condition:
12.5pF
Other values
specify
Static capacitance (C0):
0.8 ~ 1.7pF typ
Motional capacitance (C1):
1.0 ~ 4.0fF typ
Equivalent series resistance (max):
50k
Ageing:
±5ppm max first year
Drive level:
1.0µW typ
Shock resistance:
±5ppm
Soldering conditions:
240°C, 10sec max


Similar Part No. - GSX-250

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-250 GOLLEDGE-GSX-250 Datasheet
571Kb / 4P
   SM Crystal Low Frequency
GSX-250 GOLLEDGE-GSX-250_18 Datasheet
571Kb / 4P
   SM Crystal Low Frequency
More results

Similar Description - GSX-250

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC4V-T1A GOLLEDGE-CC4V-T1A Datasheet
539Kb / 4P
   Low Frequency SM Crystal
CC5V-T1A GOLLEDGE-CC5V-T1A Datasheet
553Kb / 4P
   Low Frequency SM Crystal
GSX-455 GOLLEDGE-GSX-455 Datasheet
60Kb / 1P
   SM Crystal LOW FREQUENCY
GSX-250 GOLLEDGE-GSX-250_18 Datasheet
571Kb / 4P
   SM Crystal Low Frequency
GSCX26 GOLLEDGE-GSCX26 Datasheet
54Kb / 1P
   SM Low Frequency Cylindrical Crystal
GSCX-26 GOLLEDGE-GSCX-26_16 Datasheet
121Kb / 1P
   SM Low Frequency Cylindrical Crystal
GSX-11 GOLLEDGE-GSX-11_18 Datasheet
555Kb / 4P
   Low Frequency SM Crystal with Low Height
GSX-530 GOLLEDGE-GSX-530 Datasheet
167Kb / 2P
   SM Crystal - High Frequency
GSCX-26 GOLLEDGE-GSCX-26 Datasheet
536Kb / 3P
   SM Low Frequency Formed Lead Cylindrical Crystal
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
   SM Crystal High Frequency Fundamental
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com