Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3420 Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part # PST3420
Description  IC for CMOS System Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3420 Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

  PST3420 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3420 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3420 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3420 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3420 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3420 Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3420 Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3420 Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3420 Datasheet HTML 9Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MITSUMI
IC for CMOS System Reset PST31XX~34XX
Output voltage power supply voltage
6
5
4
3
2
1
0
05
4
3
2
1
Detection
Release
Power supply voltage (V)
Consumption current power supply voltage
1
0
0.2
0.4
0.6
0.8
010
8
6
4
2
Power supply voltage (V)
Transfer delay time characteristics (N-ch open drain output products)
0.001
0.01
0.1
1
10
0.00001
0.1
0.01
0.001
0.0001
Output capacitance (
µF)
100
tPHL
tPLH
0.001
0.01
0.1
1
10
0.00001
0.1
0.01
0.001
0.0001
Output capacitance (
µF)
100
tPHL
tPLH
PST3428 response characteristics
PST3446 response characteristics
VS+2.0V
Input
voltage
Output
voltage
1.2V
7.0V
3.5V
VSS
VSS
tPHL
tPLH
VS+2.0V
1.2V
VSS
Transfer delay time measurement circuit


Similar Part No. - PST3420

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3420 MITSUMI-PST3420 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST3420

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
   IC for CMOS System Reset
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com