Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RW-2409S Datasheet(PDF) 3 Page - Recom International Power

Part # RW-2409S
Description  3 Watt DIP24/SMD Low Profile Package Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW-2409S Datasheet(HTML) 3 Page - Recom International Power

  RW-2409S Datasheet HTML 1Page - Recom International Power RW-2409S Datasheet HTML 2Page - Recom International Power RW-2409S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Style and Pinning (mm)
RW-xxxxS
Series
ECONOLINE
DC/DC-Converter
32.26
7.0
2.54 x 11
4.1 min.
0.5
16.35
14.73
12
11
10
15 14 13
1
24
RECOM
RW-0505S
****
2.54
1.00ø+0.15/–0
Bottom View
2.54
24
15 14 13
12
11
10
1
Top View
3rd angle
projection
Recommended Footprint Details
24 PIN DIP Miniature Package Style
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
1 & 24
+Vin
10 & 15
-Vout
11 & 14
+Vout
12 & 13
-Vin
NC = No Connection
14.50
10 11 12
24 23 22
15 14 13
21
1
3
2
1
32.20
18.80
9.40
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
10.20
2.54
17.24
27.94
19.27
1.54
2.03
Top View
8.89
2.54
16.0
Recommended Footprint Details
24 PIN SMD Miniature Package Style
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
1 & 24
+Vin
10 & 15
-Vout
11 & 14
+Vout
12 & 13
-Vin
others
NC
NC = No Connection
July-2006
101
www.recom-international.com


Similar Part No. - RW-2409S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW-2409S RECOM-RW-2409S Datasheet
81Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RW-2409S RECOM-RW-2409S Datasheet
87Kb / 2P
   2 Watt DIP24/SMD low Profile package Single Output
RW-2409S RECOM-RW-2409S Datasheet
99Kb / 3P
   DIP24 Low Profile Miniature Package
More results

Similar Description - RW-2409S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW-053.3S RECOM-RW-053.3S Datasheet
87Kb / 2P
   2 Watt DIP24/SMD low Profile package Single Output
RW-1205D RECOM-RW-1205D Datasheet
87Kb / 2P
   3 Watt DIP24 low Profile package Dual Regulated Output
RW-0505D RECOM-RW-0505D Datasheet
83Kb / 2P
   3 Watt DIP24 low Profile package Dual Regulated Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DRW RECOM-REC3-S-DRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com