Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3-1209SH3 Datasheet(PDF) 1 Page - Recom International Power

Part # RS3-1209SH3
Description  3 Watt SIP8 Isolated Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS3-1209SH3 Datasheet(HTML) 1 Page - Recom International Power

  RS3-1209SH3 Datasheet HTML 1Page - Recom International Power RS3-1209SH3 Datasheet HTML 2Page - Recom International Power RS3-1209SH3 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
1
14-February-2007
Part Number
Input
Rated Output
Output Current
Efficiency
Capacitive
Voltage Range
Voltage
Full Load
typ.
Load max.
SIP8
(VDC)
(VDC)
(mA)
(%)
µF
RS3-053.3S (H2/H3)
4.5 - 9
3.3
600
72
1000
RS3-0505S (H2/H3)
4.5 - 9
5
600
76
1000
RS3-0509S (H2/H3)
4.5 - 9
9
333
77
470
RS3-0512S (H2/H3)
4.5 - 9
12
250
78
220
RS3-0515S (H2/H3)
4.5 - 9
15
200
79
100
RS3-123.3S (H2/H3)
9 - 18
3.3
600
73
1000
RS3-1205S (H2/H3)
9 - 18
5
600
77
1000
RS3-1209S (H2/H3)
9 - 18
9
333
78
470
RS3-1212S (H2/H3)
9 - 18
12
250
79
220
RS3-1215S (H2/H3)
9 - 18
15
200
80
100
RS3-243.3S (H2/H3)
18 - 36
3.3
600
73
1000
RS3-2405S (H2/H3)
18 - 36
5
600
77
1000
RS3-2409S (H2/H3)
18 - 36
9
333
79
470
RS3-2412S (H2/H3)
18 - 36
12
250
80
220
RS3-2415S (H2/H3)
18 - 36
15
200
80
100
RS3-483.3S (H2/H3)
36 - 72
3.3
600
74
1000
RS3-4805S (H2/H3)
36 - 72
5
600
78
1000
RS3-4809S (H2/H3)
36 - 72
9
333
79
470
RS3-4812S (H2/H3)
36 - 72
12
250
80
220
RS3-4815S (H2/H3)
36 - 72
15
200
80
100
RS3-053.3D (H2/H3)
4.5 - 9
±3.3
±300
72
±470
RS3-0505D (H2/H3)
4.5 - 9
±5
±300
76
±470
RS3-0509D (H2/H3)
4.5 - 9
±9
±167
77
±220
RS3-0512D (H2/H3)
4.5 - 9
±12
±125
78
±100
RS3-0515D (H2/H3)
4.5 - 9
±15
±100
79
±47
RS3-123.3D (H2/H3)
9 - 18
±3.3
±300
72
±470
RS3-1205D (H2/H3)
9 - 18
±5
±300
77
±470
RS3-1209D (H2/H3)
9 - 18
±9
±167
78
±220
RS3-1212D (H2/H3)
9 - 18
±12
±125
79
±100
RS3-1215D (H2/H3)
9 - 18
±15
±100
80
±47
RS3-243.3D (H2/H3)
18 - 36
±3.3
±300
73
±470
RS3-2405D (H2/H3)
18 - 36
±5
±300
78
±470
RS3-2409D (H2/H3)
18 - 36
±9
±167
79
±220
RS3-2412D (H2/H3)
18 - 36
±12
±125
80
±100
RS3-2415D (H2/H3)
18 - 36
±15
±100
80
±47
RS3-483.3D (H2/H3)
36 - 72
±3.3
±300
74
±470
RS3-4805D (H2/H3)
36 - 72
±5
±300
78
±470
RS3-4809D (H2/H3)
36 - 72
±9
±167
79
±220
RS3-4812D (H2/H3)
36 - 72
±12
±125
80
±100
RS3-4815D (H2/H3)
36 - 72
±15
±100
80
±47
3 Watt
SIP8 Isolated
Single & Dual
Output
ECONOLINE
DC/DC-Converter
RS3
Series
2:1 Wide Range Voltage Input
1kVDC, 2kVDC & 3kVDC Isolation
UL94V-0 Package Material
Continuous Short Circuit Protection
Low Ripple and Noise
Remote On/Off Control
Efficiency to 80%
Features
Regulated
Converters
Selection Guide
Very high power density, wide operating
temperature range of -40°C~+71°C and
extra features such as On/Off control are
just some of the characteristics of this con-
verter which is ideal for highly sophisticated
industrial designs.
The RS3 is available with isolation of 2kV
or 3kV by choosing option “/H2” or “/H3”
Description


Similar Part No. - RS3-1209SH3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS3-1209S20A1 RSG-RS3-1209S20A1 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-1209S20A3 RSG-RS3-1209S20A3 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-1209S20A5 RSG-RS3-1209S20A5 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-1209S20A6 RSG-RS3-1209S20A6 Datasheet
1Mb / 7P
   DC/DC-Converter
More results

Similar Description - RS3-1209SH3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RS3K-Z RECOM-RS3K-Z Datasheet
2Mb / 4P
   3 Watt SIP8 Single Output
REV.: 0/2023
REM2 RECOM-REM2 Datasheet
700Kb / 7P
   2 Watt SIP8 Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com