Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RW-0515D Datasheet(PDF) 2 Page - Recom International Power

Part # RW-0515D
Description  3 Watt DIP24 low Profile package Dual Regulated Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW-0515D Datasheet(HTML) 2 Page - Recom International Power

  RW-0515D Datasheet HTML 1Page - Recom International Power RW-0515D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications (Core Operating Area)
Package Style and Pinning (mm)
RW-xxxxD
Series
ECONOLINE
DC/DC-Converter
3.81
4.60
Bottom View
Top View
11
9
3
2
14
16
22
23
RECOM
RW-1205D
****
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
7.00
17.50
2.54
3rd angle
projection
Recommended Footprint Details
24 PIN DIP Miniature Package Style
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin
Dual
2 & 3
-Vin
9 & 16
Com
11
-Vout
14
+Vout
22 & 23
+Vin
NC = No Connection
DC/DC
Converter
0.1uF
+Vin
-Vin
+Vout
Com
Ground Ring
To measure the output ripple & noise use short runs with a 0.1uF/50V capacitor
20MHz BW limit, nominal input and full load. Please see below:
Note: pinout is the same like REC-series, A-pinout
Isolation Capacitance
20pF min. / 40pF typ. / 60pF max.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Case Material
Non-Conductive Black Plastic
Potting Material
Epoxy ( UL94V-0 )
Relative Humidity
95% RH
Package Weight
7.7g
MTBF (+25°C)
using MIL-HDBK 217F
1636 x 10
3 hours
(+85°C)
using MIL-HDBK 217F
303 x 10
3 hours
}
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2415
4815
RW-xx15D
Detailed Information see
Application Notes chapter "MTBF"
July-2006
103
www.recom-international.com


Similar Part No. - RW-0515D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW-0515D RECOM-RW-0515D Datasheet
96Kb / 2P
   DIP24 Low Profile Package
More results

Similar Description - RW-0515D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW-1205D RECOM-RW-1205D Datasheet
87Kb / 2P
   3 Watt DIP24 low Profile package Dual Regulated Output
RW-053.3S RECOM-RW-053.3S_06 Datasheet
91Kb / 3P
   3 Watt DIP24/SMD Low Profile Package Single Output
REC3-050505DRWI RECOM-REC3-050505DRWI Datasheet
85Kb / 2P
   3 Watt DIP24 Isolated Dual Output
REC3-050505DRWI RECOM-REC3-050505DRWI_07 Datasheet
68Kb / 2P
   3 Watt DIP24 Isolated Dual Output
RW-053.3S RECOM-RW-053.3S Datasheet
87Kb / 2P
   2 Watt DIP24/SMD low Profile package Single Output
logo
PEAK electronics GmbH
P14SG-0505ZH30M PEAK-P14SG-0505ZH30M Datasheet
212Kb / 2P
   3 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com