Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RW-0505D Datasheet(PDF) 1 Page - Recom International Power

Part No. RW-0505D
Description  3 Watt DIP24 low Profile package Dual Regulated Output
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECOM [Recom International Power]
Homepage  http://www.recom-international.com
Logo RECOM - Recom International Power

RW-0505D Datasheet(HTML) 1 Page - Recom International Power

  RW-0505D Datasheet HTML 1Page - Recom International Power RW-0505D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Voltage Range
2:1
Output Voltage Accuracy
±1% typ. / ±2% max.
Line Voltage Regulation
0.1% typ. / 0.2% max.
Load Voltage Regulation (10% to 100% full load)
0.2% typ. / 0.5% max.
Output Ripple and Noise (20MHz limited)
50mVp-p max.
Operating Frequency
100KHz min. / 150kHz typ.
Efficiency at Full Load
See above
No Load Power Consumption
250mW max.
Isolation Voltage
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
continued on next page
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
DIP24 Miniature
(VDC)
(VDC)
(mA)
%
RW-0505D
4.5 – 9
±5
±300
71
RW-0509D
4.5 – 9
±9
±167
73
RW-0512D
4.5 – 9
±12
±125
74
RW-0515D
4.5 – 9
±15
±100
75
RW-1205D
9 – 18
±5
±300
76
RW-1209D
9 – 18
±9
±167
80
RW-1212D
9 – 18
±12
±125
83
RW-1215D
9 – 18
±15
±100
83
RW-2405D
18 – 36
±5
±300
78
RW-2409D
18 – 36
±9
±167
81
RW-2412D
18 – 36
±12
±125
85
RW-2415D
18 – 36
±15
±100
85
RW-4805D
36 – 72
±5
±300
78
RW-4809D
36 – 72
±9
±167
82
RW-4812D
36 – 72
±12
±125
84
RW-4815D
36 – 72
±15
±100
84
3 Watt
DIP24 low
Profile package
Dual Regulated
Output
ECONOLINE
DC/DC-Converter
RW-xxxxD
Series
DIP24 Miniature Package
2:1 Wide Range Voltage Input
3kVDC Isolation
UL94V-0 Package Material
Continuous Short Circuit Protection
Low profile 7mm Height
Cost Effective
Short Lead Time
No External Capacitor needed
Full SMD Construction
100% Burned In
Efficiency to 85%
Features
Regulated
Converters
Selection Guide
Specifications (Core Operating Area)
The RW series with 2:1 input voltage ranges and max. height of 7,0 mm has been designed for the telecom - and
industrial automation markets. They are particularly aimed at applications where pcb-space is at a premium, still
requiring industrial standard pinning. The converters supply the full 3 Watts without additional heat-sinks over the
temperature range -40°C to +85°C.
Description
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
90
2 W
1 W
3 W
95
Derating-Graph
(Ambient Temperature)
EN-60950-1 Certified
EN-60601-1 Certified
July-2006
www.recom-international.com
102


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn