Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3-0509SH3 Datasheet(PDF) 3 Page - Recom International Power

Part # RS3-0509SH3
Description  3 Watt SIP8 Isolated Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS3-0509SH3 Datasheet(HTML) 3 Page - Recom International Power

  RS3-0509SH3 Datasheet HTML 1Page - Recom International Power RS3-0509SH3 Datasheet HTML 2Page - Recom International Power RS3-0509SH3 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
3
14-February-2007
12
5
36 7 8
3.20
0.32
2.0
9.20
21.80
RECOM
RS3- xxxx
****
12
5
36 7 8
0.50±0.05
3.80
0.50±0.05
11.10
RECOM
RS3- xxxx
****
RECOM
RS3- xxxxD
****
2.54
2.54
1.0ø+0.15/–0
Top View
Bottom View
Single Output
Dual Output
3rd angle
projection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm)
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3
CTRL
CTRL
5NC
NC
6
+Vout
+Vout
7
–Vout
Com
8
NC
–Vout
NC = No Connection
DC/DC
Converter
-Vin
-Vout
+Vout
+Vin
Ctrl
1 KW
Remote ON/OFF
ON:
open or high impedance.
OFF:
3-6mA input current applied via 1K
Ω resistor
to Vin- (OFF input current 10mA max.)
Standard Application Circuit
RS3
Series
ECONOLINE
DC/DC-Converter
Vcc = 9~18VDC
1
3
6
CTRL
TTL Input
0V
7
4k7W
RS3-1212D
10kW
1kW
1k1W
5V7
0V
2
+Vin
-Vin
8
+Vout
Com
-Vout
Suggested TTL ON/Off Control Circuit


Similar Part No. - RS3-0509SH3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS3-0509S20A1 RSG-RS3-0509S20A1 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-0509S20A3 RSG-RS3-0509S20A3 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-0509S20A5 RSG-RS3-0509S20A5 Datasheet
1Mb / 7P
   DC/DC-Converter
RS3-0509S20A6 RSG-RS3-0509S20A6 Datasheet
1Mb / 7P
   DC/DC-Converter
More results

Similar Description - RS3-0509SH3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RS3K-Z RECOM-RS3K-Z Datasheet
2Mb / 4P
   3 Watt SIP8 Single Output
REV.: 0/2023
REM2 RECOM-REM2 Datasheet
700Kb / 7P
   2 Watt SIP8 Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com