Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C3-Y Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part No. C3-Y
Description  Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

C3-Y Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MITSUMI
Power Inductors
C3-Y, C4-Y Series
OUTLINE
Low profile (1.2mm~height)and high current of
choke coil have been lined up for digital
equipment (DSC, DVC, PDA) and hand phone of
new generation.
Coils, Filters
FEATURES
1. Lead free product.
2. New designed structure for impact proof.
3. New designed structure for high current proof.
4. New designed terminal for low cost.
5. Small package from suitable structure using simulation.
C3-Y1.5R
C4-Y1.2R
SPECIFICATIONS
Rated DC Current
Type
Size
Height
Inductance
DC Resistance
(A)
(mm)
(mm)
(µH)
(m
Ω)
L=-10%
T=25K
C3-Y1.2R
1.2max.
1.2~22
69~790
0.20~1.40
0.30~1.30
C3-Y1.5R
3.8 3.8
1.5max.
1.0~47
62~938
0.25~1.90
0.43~1.80
C3-Y1.8R
1.8max.
1.2~47
68~820
0.30~1.80
0.30~1.9
C4-Y1.2R
4.6 4.6
1.2max.
1.0~47
62~1360
0.28~2.10
0.40~1.70
C4-Y1.5R
1.5max.
1.0~47
70~1170
0.38~2.60
0.42~1.75
* 3000 Pcs/Reel


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C8-HPower Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
C3-KPower Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
C8-FR1Power Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
VC0513Medium Power Axial Inductors 1 2 List of Unclassifed Manufacturers
8400-XXXInductors Surface Mount Drum Core Power Inductors 1 Filtran LTD
8401-XXXInductors SMT Power Inductors 1 Filtran LTD
8402-XXXInductors Surface Mount High Current Power Inductors 1 Filtran LTD
8403-XXXInductors Surface Mount Drum Core Power Inductors 1 Filtran LTD

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn