Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C3-Y Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part No. C3-Y
Description  Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

C3-Y Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MITSUMI
Power Inductors
H
3.8
(0.8)
(0.6)
(1.1)
WINDING START
1.1
4
WIRE IN A SLASH PART IS FORBIDDEN.
Recommended land pattern
dimensions of PWB (5/1)
(General tolerance
±0.1)
H
C3-Y1.2R: 1.2max.
1.5R: 1.5max.
1.8R: 1.8max.
C3-Y Series
4.6
(1)
H
(0.6)
WINDING START
(1.3)
Recommended land pattern
dimensions of PWB (5/1)
(General tolerance
±0.1)
1.3
5
WIRE IN A SLASH PART IS FORBIDDEN.
2-R0.65
H
C4-Y1.2R: 1.2max.
1.5R: 1.5max.
C4-Y Series
DIMENSIONS
Unit : mm
Tolerance : ±0.2
C4-Y1.5R (Height : 1.5mm max.)
DATA LIST (C4-Y1.5R Series)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp
(µH)
Tolerance
Test Freq
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
70
2.60
1.75
DB
1R2
1.2
±30
1kHz
-
81
2.20
1.70
DD
1R8
1.8
±30
1kHz
-
95
1.80
1.65
DF
2R7
2.7
±30
1kHz
-
108
1.75
1.60
DG
3R3
3.3
±30
1kHz
-
125
1.65
1.55
DH
3R9
3.9
±30
1kHz
-
138
1.45
1.45
DJ
4R7
4.7
±30
1kHz
-
155
1.25
1.35
DK
5R6
5.6
±30
1kHz
-
170
1.15
1.25
DL
6R8
6.8
±30
1kHz
-
185
1.10
1.15
DM
8R2
8.2
±30
1kHz
-
202
1.05
1.05
EA
100
10
±20
1kHz
-
240
0.85
0.95
EB
120
12
±20
1kHz
-
296
0.82
0.85
EC
150
15
±20
1kHz
-
338
0.70
0.80
ED
180
18
±20
1kHz
-
453
0.65
0.70
EE
220
22
±20
1kHz
-
507
0.58
0.65
EF
270
27
±20
1kHz
-
672
0.50
0.55
EG
330
33
±20
1kHz
-
766
0.45
0.50
EH
390
39
±20
1kHz
-
1043
0.40
0.45
EJ
470
47
±20
1kHz
-
1170
0.38
0.42


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C8-HPower Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
C3-KPower Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
C8-FR1Power Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
VC0513Medium Power Axial Inductors 1 2 List of Unclassifed Manufacturers
8400-XXXInductors Surface Mount Drum Core Power Inductors 1 Filtran LTD
8401-XXXInductors SMT Power Inductors 1 Filtran LTD
8402-XXXInductors Surface Mount High Current Power Inductors 1 Filtran LTD
8403-XXXInductors Surface Mount Drum Core Power Inductors 1 Filtran LTD

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn