Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM-0515D Datasheet(PDF) 3 Page - Recom International Power

Part # RM-0515D
Description  0.25 Watt SIP4 & DIP8 Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RM-0515D Datasheet(HTML) 3 Page - Recom International Power

  RM-0515D Datasheet HTML 1Page - Recom International Power RM-0515D Datasheet HTML 2Page - Recom International Power RM-0515D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10
www.recom-international.com
July-2006
Package Style and Pinning (mm)
RM & RL
Series
ECONOLINE
DC/DC-Converter
2.54
2.54
Top View
Bottom View
1.25
0.25
7.62
1.9
2
13 4
4.10
0.51
0.51
10.00
RECOM
RM-0505S
****
1.00ø+0.15/–0
6.00
11.50
RECOM
RM-0505S
****
3rd angle
projection
Recommended Footprint Details
4 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
4
7.62
5.08
1
75
ø 0.51
7.62
3.25
ø 0.51
7.62 Bottom View
2.54
2.54
1.00ø+0.15/–0
RECOM
RL-0505S
****
10.10
12.60
Top View
7.80
Recommended Footprint Details
8 PIN DIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RM Pin Connections
Pin #
Single
1
–Vin
2
+Vin
3
–Vout
4
+Vout
RL Pin Connections
Pin #
Single
1
–Vin
4
+Vin
5
+Vout
7
–Vout


Similar Part No. - RM-0515D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RM-0515S RECOM-RM-0515S Datasheet
101Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
More results

Similar Description - RM-0515D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
RM RECOM-RM_10 Datasheet
81Kb / 2P
   0.25 Watt SIP4 Single Output
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
   2 Watt SIP4 Single Output
RN-3.33.3S RECOM-RN-3.33.3S_06 Datasheet
89Kb / 3P
   1.25 Watt DIP8 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
   1 Watt SIP4 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
   0.5 Watt SIP4 Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
   3 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
   1 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com