Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3640UR Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST3640UR
Description  IC for CMOS System Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3640UR Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST3640UR Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3640UR Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3640UR Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3640UR Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3640UR Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3640UR Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3640UR Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3640UR Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3640UR Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MITSUMI
IC for CMOS System Reset PST35XX, 36XX
IC for CMOS System Reset
Monolithic IC PST35XX, 36XX Series
Outline
This system reset IC, developed using the CMOS process, has a built-in delay function. Ultra-low
consumption current of 1.0µA (typ.). has been achieved through use of the CMOS process. Also, detection
voltage is high-precision detection of ±2%. The small package MLF-4 (1.1 1.4 0.6mm) is used for space
saving.
Features
1. Ultra-low current consumption
1.0µA typ. (VDD = Vs + 1V)
2. High-precision detection voltage
±2%
3. Operating range
0.7 ~ 10V
4. Wide operating temperature range
-30 ~ +85°C
5. Detection voltage
0.9 ~ 6.0V (0.1V step)
6. Delay time can be easily set with an external component (capacitor).
Packages
SOT-25A (PST35XXNR, PST36XXNR)
SC-82ABA, SC-82ABB (PST36XXUR, PST36XXUR)
SSON-4
Applications
1. Reset circuits for microcomputers, CPUs and MPUs
2. Reset circuits for logic circuits
3. Battery voltage check circuits
4. Back-up power supply switching circuits
5. Level detection circuits
6. Delay time can be easily set with an external component (capacitor).
Pin Assignment
13
5
2
4
SOT-25A
(TOP VIEW)
12
43
SC-82ABA
SC-82ABB
(TOP VIEW)
1
OUT
2
VDD
3
GND
4
NC
5
Cd
1
GND
2
VDD
3
Cd
4
OUT
12
43
SSON-4
(TOP VIEW)
1
GND
2
OUT
3
Cd
4
VDD
March 21, 2004


Similar Part No. - PST3640UR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
PST3120 MITSUMI-PST3120 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
177Kb / 9P
   CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3122 MITSUMI-PST3122 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST3640UR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com