Electronic Components Datasheet Search |
|
RV-243.3D Datasheet(PDF) 1 Page - Recom International Power |
|
RV-243.3D Datasheet(HTML) 1 Page - Recom International Power |
1 / 3 page Part Number Input Rated Output Output Current Voltage Voltage Full Load DIP24 (SMD) Miniature (VDC) (VDC) (mA) RV-xx3.3S 3.3, 5, 9, 12, 15, 24 3.3 600 RV-xx05S 3.3, 5, 9, 12, 15, 24 5 400 RV-xx09S 3.3, 5, 9, 12, 15, 24 9 222 RV-xx12S 3.3, 5, 9, 12, 15, 24 12 167 RV-xx15S 3.3, 5, 9, 12, 15, 24 15 133 RV-xx24S 3.3, 5, 9, 12, 15, 24 24 83 RV-xx3.3D 3.3, 5, 12, 15, 24 ±3.3 ±300 RV-xx05D 3.3, 5, 12, 15, 24 ±5 ±200 RV-xx09D 3.3, 5, 12, 15, 24 ±9 ±111 RV-xx12D 3.3, 5, 12, 15, 24 ±12 ±83 RV-xx15D 3.3, 5, 12, 15, 24 ±15 ±67 RV-xx24D 3.3, 5, 12, 15, 24 ±24 ±42 xx = Input Voltage * add Suffix “P” for Continuous Short Circuit Protection, e.g. RV-0505S/P, RV-0505D/P 2 Watt DIP24 Miniature Single & Dual Output ECONOLINE DC/DC-Converter RV Series ● Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report) ● UL-60950-1 / CSA C22.2 certified ● 6kVDC Isolation ● UL94V-0 Package Material ● Optional Continuous Short Circuit Protected ● Fully Encapsulated ● Efficiency to 82% Features Unregulated Converters Selection Guide 100 60 20 40 100 50 0 -40 85 150 Operating Temperature °C 0 80 Safe Operating Area Derating-Graph (Ambient Temperature) Input Voltage Range ±10% Output Voltage Accuracy ±5% Line Voltage Regulation 1.2%/1% of Vin typ. Load Voltage Regulation 3.3V output types 20% max. (10% to 100% full load) 5V output type 15% max. 9V, 12V, 15V, 24V output types 10% max. Output Ripple and Noise (20MHz limited) 200mVp-p max. Operating Frequency 20kHz min. / 50kHz typ. / 85kHz max. Efficiency at Full Load 70% min. / 75% typ. No Load Power Consumption 282mW min. / 338mW typ. / 430mW max. Isolation Voltage (tested for 1 second) 6000VDC min. Rated Working Voltage (long term isolation) see Application Notes Isolation Capacitance 2pF min. / 12pF max. Isolation Resistance 15 G Ω min. Short Circuit Protection 1 Second P-Suffix Continuous Operating Temperature Range (free air convection) -40°C to +85°C (see Graph) Storage Temperature Range -55°C to +125°C Relative Humidity 95% RH Package Weight 9g MTBF (+25°C) using MIL-HDBK 217F 1154 x 10 3 hours (+85°C) using MIL-HDBK 217F 168 x 10 3 hours Specifications (Core Operating Area) }DetailedInformationsee Application Notes chapter "MTBF" EN-60950-1 Certified UL-60950-1 Certified EN-60601-1 Certified July-2006 91 www.recom-international.com |
Similar Part No. - RV-243.3D |
|
Similar Description - RV-243.3D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |