Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM121G Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FODM121G
Description  4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM121G Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FODM121G Datasheet HTML 2Page - Fairchild Semiconductor FODM121G Datasheet HTML 3Page - Fairchild Semiconductor FODM121G Datasheet HTML 4Page - Fairchild Semiconductor FODM121G Datasheet HTML 5Page - Fairchild Semiconductor FODM121G Datasheet HTML 6Page - Fairchild Semiconductor FODM121G Datasheet HTML 7Page - Fairchild Semiconductor FODM121G Datasheet HTML 8Page - Fairchild Semiconductor FODM121G Datasheet HTML 9Page - Fairchild Semiconductor FODM121G Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FODMX Rev. 1.0.7
Fig 13. Collector Current vs. Ambient Temperature
(FODM124)
TA - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0.1
1
10
VCE = 0.5V
IF = 0.5mA
IF = 1mA
IF = 5mA
IF = 10mA
IF = 2mA
Fig. 14 Collector Current vs. Collector-Emitter Voltage
(FODM124)
VCE - Collector-Emitter Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
TA = 25
oC
IF = 0.5mA
IF = 1mA
IF = 5mA
IF = 10mA
IF = 2mA
Fig. 15 Collector Dark Current vs. Ambient
Temperature
(FODM124)
TA - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0.1
1
10
100
1000
10000
VCE = 40V
Fig. 16 Normalized Current Transfer Ratio vs.
Ambient Temperature
(FODM124)
TA - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
20
40
60
80
100
120
140
160
IF = 1mA,
VCE = 0.5V
Normalized to TA= 25°C
Fig. 17 Switching Time vs. Load Resistance
(FODM124)
RL - Load Resistance (kΩ)
110
100
1
10
100
1000
VCC = 5V
IF = 1mA
TA = 25°C
tOFF
tON
tS


Similar Part No. - FODM121G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM121G FAIRCHILD-FODM121G Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results

Similar Description - FODM121G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com