Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3243 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST3243
Description  IC for CMOS System Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3243 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST3243 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3243 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3243 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3243 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3243 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3243 Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3243 Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3243 Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3243 Datasheet HTML 9Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUMI
IC for CMOS System Reset PST31XX~34XX
IC for CMOS System Reset
Monolithic IC PST31XX~34XX Series
Outline
This IC is a system reset IC developed using the CMOS process. Super low consumption current of 0.25µA
typ. has been achieved through use of the CMOS process. Also, detection voltage is high precision detection
of ±2%.
Features
1. Super low consumption current
0.25µA typ. (when VDD = Vs + 1V)
2. High precision detection voltage
±2%
3. Hysteresis characteristic
5% typ.
4. Operating range
0.95 ~ 10V
5. Wide operating temperature range
-30 ~ +85°C
6. Detection voltage
2 ~ 6V (0.1V step)
Package
SOT-25A (PST31XX, PST32XX)
SC-82ABA, SC-82ABB (PST33XX, PST34XX)
Applications
1. Microcomputer, CPU, MPU reset circuits
2. Logic circuit reset circuits
3. Battery voltage check circuits
4. Back-up circuit switching circuits
5. Level detection circuits
Pin Assignment
13
5
2
4
SOT-25A
(TOP VIEW)
12
43
SC-82ABA
SC-82ABB
(TOP VIEW)
1
VOUT
2
VDD
3
VSS
4
NC
5
1
VOUT
2
VDD
3
NC
4
VSS
March 12, 2004


Similar Part No. - PST3243

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3243 MITSUMI-PST3243 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST3243

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
   IC for CMOS System Reset
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com