Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-4812D Datasheet(PDF) 1 Page - Recom International Power

Part # RS-4812D
Description  2 Watt SIP8 Isolated Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS-4812D Datasheet(HTML) 1 Page - Recom International Power

  RS-4812D Datasheet HTML 1Page - Recom International Power RS-4812D Datasheet HTML 2Page - Recom International Power RS-4812D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number
Input
Rated Output
Output Current
Efficiency
Capacitive
Voltage Range
Voltageat
Full Load
typ.
Load max.
SIP8
(VDC)
(VDC)
(mA)
(%)
µF
RS-053.3S (H2/H3)
4.5 - 9
3.3
500
68
1000
RS-0505S (H2/H3)
4.5 - 9
5
400
73
1000
RS-0509S (H2/H3)
4.5 - 9
9
222
74
470
RS-0512S (H2/H3)
4.5 - 9
12
166
75
220
RS-0515S (H2/H3)
4.5 - 9
15
134
75
100
RS-123.3S (H2/H3)
9 - 18
3.3
500
69
1000
RS-1205S (H2/H3)
9 - 18
5
400
75
1000
RS-1209S (H2/H3)
9 - 18
9
222
78
470
RS-1212S (H2/H3)
9 - 18
12
166
80
220
RS-1215S (H2/H3)
9 - 18
15
134
80
100
RS-243.3S (H2/H3)
18 - 36
3.3
500
70
1000
RS-2405S (H2/H3)
18 - 36
5
400
78
1000
RS-2409S (H2/H3)
18 - 36
9
222
81
470
RS-2412S (H2/H3)
18 - 36
12
166
83
220
RS-2415S (H2/H3)
18 - 36
15
134
83
100
RS-483.3S (H2/H3)
36 - 72
3.3
500
73
1000
RS-4805S (H2/H3)
36 - 72
5
400
78
1000
RS-4809S (H2/H3)
36 - 72
9
222
81
470
RS-4812S (H2/H3)
36 - 72
12
166
83
220
RS-4815S (H2/H3)
36 - 72
15
134
83
100
RS-053.3D (H2/H3)
4.5 - 9
±3.3
±250
68
±470
RS-0505D (H2/H3)
4.5 - 9
±5
±200
73
±470
RS-0509D (H2/H3)
4.5 - 9
±9
±111
74
±220
RS-0512D (H2/H3)
4.5 - 9
±12
±83
75
±100
RS-0515D (H2/H3)
4.5 - 9
±15
±67
75
±47
RS-123.3D (H2/H3)
9 - 18
±3.3
±250
69
±470
RS-1205D (H2/H3)
9 - 18
±5
±200
75
±470
RS-1209D (H2/H3)
9 - 18
±9
±111
78
±220
RS-1212D (H2/H3)
9 - 18
±12
±83
80
±100
RS-1215D (H2/H3)
9 - 18
±15
±67
80
±47
RS-243.3D (H2/H3)
18 - 36
±3.3
±250
70
±470
RS-2405D (H2/H3)
18 - 36
±5
±200
78
±470
RS-2409D (H2/H3)
18 - 36
±9
±111
81
±220
RS-2412D (H2/H3)
18 - 36
±12
±83
83
±100
RS-2415D (H2/H3)
18 - 36
±15
±67
83
±47
RS-483.3D (H2/H3)
36 - 72
±3.3
±250
73
±470
RS-4805D (H2/H3)
36 - 72
±5
±200
78
±470
RS-4809D (H2/H3)
36 - 72
±9
±111
81
±220
RS-4812D (H2/H3)
36 - 72
±12
±83
83
±100
RS-4815D (H2/H3)
36 - 72
±15
±67
83
±47
2 Watt
SIP8 Isolated
Single & Dual
Output
ECONOLINE
DC/DC-Converter
RS
Series
2:1 Wide Range Voltage Input
1kVDC, 2kVD & 3kVDC Isolation
UL94V-0 Package Material
Continuous Short Circuit Protection
with Current Foldback
Low Noise
No External Capacitor needed
Efficiency to 83%
Features
Regulated
Converters
Selection Guide 5V, 12V, 24V and 48V Input Types
EN-60950-1 Certified
EN-60601-1 Certified
(Suffix H2/H3 )
January-2007
www.recom-international.com
88


Similar Part No. - RS-4812D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-4812D/H2 RECOM-RS-4812D/H2 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-4812D/H3 RECOM-RS-4812D/H3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RS-4812D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
REM2 RECOM-REM2 Datasheet
700Kb / 7P
   2 Watt SIP8 Single and Dual Output
RSK-RUW RECOM-RSK-RUW Datasheet
1Mb / 4P
   2 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com