Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM1246 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FM1246
Description  Desktop video & FM radio module system CCIR I
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246 Datasheet(HTML) 3 Page - NXP Semiconductors

  FM1246 Datasheet HTML 1Page - NXP Semiconductors FM1246 Datasheet HTML 2Page - NXP Semiconductors FM1246 Datasheet HTML 3Page - NXP Semiconductors FM1246 Datasheet HTML 4Page - NXP Semiconductors FM1246 Datasheet HTML 5Page - NXP Semiconductors FM1246 Datasheet HTML 6Page - NXP Semiconductors FM1246 Datasheet HTML 7Page - NXP Semiconductors FM1246 Datasheet HTML 8Page - NXP Semiconductors FM1246 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 May 14
3
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
INTERMEDIATE FREQUENCIES
SYSTEM
FREQUENCY
(MHz)
Picture carrier
38.90
Colour
34.47
Sound
32.90
NICAM
32.348
FM
10.70
CHANNEL COVERAGE
BAND
FREQUENCY
(MHz)
FM radio band
87.50 to 108.00
Low band
45.75 to 170.00
Mid band
170.00 to 450.00
High band
450.00 to 855.25
PINNING
SYMBOL
PIN
DESCRIPTION
VT
11
tuning voltage (monitor)
VS(tuner)
12
supply voltage tuner section +5 V
SCL
13
I2C-bus serial clock
SDA
14
I2C-bus serial data
AS
15
I2C-bus address select
AF O/P right
20
FM radio right channel
AF O/P left
21
FM radio left channel
2nd IF O/P
22
second IF TV sound output
CVBS
23
Composite Video Baseband Signal (CVBS) output
VS(IF)
24
supply voltage IF section +5 V
AF O/P
25
AF sound output
TH1, TH2, TH3 and TH4
mounting tags (ground)


Similar Part No. - FM1246

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM120 RECTRON-FM120 Datasheet
26Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM120 FORMOSA-FM120 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM120 FORMOSA-FM120 Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Rectron Semiconductor
FM120 RECTRON-FM120 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
More results

Similar Description - FM1246

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FM1236 PHILIPS-FM1236 Datasheet
144Kb / 20P
   Desktop video & FM radio module system M, N
1997 Feb 03
FI1216MK2 PHILIPS-FI1216MK2 Datasheet
139Kb / 20P
   Desktop video tuner system CCIR B/G
1997 Mar 13
FI1216MF PHILIPS-FI1216MF Datasheet
148Kb / 24P
   Desktop video tuner multi system CCIR L/L??and B/G
1996 Jul 09
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
   AM/FM RADIO SYSTEM
logo
Hitachi Semiconductor
HA11251 HITACHI-HA11251 Datasheet
80Kb / 2P
   FM/AM Radio Receiver System
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
logo
STMicroelectronics
TCA3189 STMICROELECTRONICS-TCA3189 Datasheet
165Kb / 4P
   FM-IF HIGH QUALITY RADIO SYSTEM
June 1988
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com