Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJZ-1505DH Datasheet(PDF) 1 Page - Recom International Power

Part # RJZ-1505DH
Description  2 Watt DIP14 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RJZ-1505DH Datasheet(HTML) 1 Page - Recom International Power

  RJZ-1505DH Datasheet HTML 1Page - Recom International Power RJZ-1505DH Datasheet HTML 2Page - Recom International Power RJZ-1505DH Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
DIP 14
4kV
(VDC)
(VDC)
(mA)
(%)
RJZ-xx3.3S
(H)
3.3,5,9,12,15,24
3.3
606
70-75
RJZ-xx05S
(H)
3.3,5,9,12,15,24
5
400
78-85
RJZ-xx09S
(H)
3.3,5,9,12,15,24
9
222
78-84
RJZ-xx12S
(H)
3.3,5,9,12,15,24
12
166
80-85
RJZ-xx15S
(H)
3.3,5,9,12,15,24
15
133
82-85
RJZ-xx24S
(H)
3.3,5,9,12,15,24
24
83
80-85
RGZ-xx3.3D (H)
3.3,5,9,12,15,24
±3.3
±303
75
RGZ-xx05D
(H)
3.3,5,9,12,15,24
±5
±200
75-82
RGZ-xx09D
(H)
3.3,5,9,12,15,24
±9
±111
75-80
RGZ-xx12D
(H)
3.3,5,9,12,15,24
±12
±84
78-82
RGZ-xx15D
(H)
3.3,5,9,12,15,24
±15
±66
80-84
RGZ-xx24D
(H)
3.3,5,9,12,15,24
±24
±42
82-84
xx = Input Voltage
* add Suffix “P
P” for Continuous Short Circuit Protection, e.g. RGZ-0524D/P,
e.g. RGZ-0524D/HP, has 4kV Isolation and is Short Circuit Protected.
100
60
20
40
90
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V Types
±20% max.
(10% to 100% full load)
5V Types
±15% max.
All other Types
±10% max.
Output Ripple and Noise (20MHz limited)
±150mVp-p max.
Temperature Coefficient
0.02%/°C max.
Operating Frequency
20kHz min./ 50kHz typ. / 90kHz max.
Efficiency at Full Load
70% min. / 80% typ.
Isolation Voltage
(tested for 1 second)
3000VDC min.
(H-Suffix)
(tested for 1 second)
4000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
120pF max.
Isolation Resistance
15G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
2.8g
continued on next page
2 Watt
DIP14
Single & Dual
Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RJZ
& RGZ
Series
2W Single and Dual Outputs in DIP 14
3kVDC and 4kVDC Isolation
Optional Continuous Short Circuit Protected
Custom Solutions Available
UL94V-0 Package Material
Efficiency up to 85%
Features
Unregulated
Converters
EN-60950-1 Certified
EN-60601-1 Certified
July-2006
79
www.recom-international.com


Similar Part No. - RJZ-1505DH

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RJZ-RGZ RECOM-RJZ-RGZ Datasheet
129Kb / 3P
   Optional Continuous Short Circuit Protected
RJZ-xx05S* RECOM-RJZ-xx05S* Datasheet
129Kb / 3P
   2W Single and Dual Outputs in DIP 14
RJZ-xx09S* RECOM-RJZ-xx09S* Datasheet
129Kb / 3P
   2W Single and Dual Outputs in DIP 14
RJZ-xx12S* RECOM-RJZ-xx12S* Datasheet
129Kb / 3P
   2W Single and Dual Outputs in DIP 14
RJZ-xx15S* RECOM-RJZ-xx15S* Datasheet
129Kb / 3P
   2W Single and Dual Outputs in DIP 14
More results

Similar Description - RJZ-1505DH

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RJ-1.81.8S RECOM-RJ-1.81.8S_06 Datasheet
109Kb / 3P
   1 Watt DIP14 Single & Dual Output
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RA-XX1.8S RECOM-RA-XX1.8S Datasheet
94Kb / 2P
   RA Series 1 Watt DIP14 (Single & Dual Output)
RSH3 RECOM-RSH3 Datasheet
915Kb / 6P
   3 Watt SMD DIP14 Single and Dual
REV.: 0/2022
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
   2 Watt SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com