Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP75-483.32.5DIP Datasheet(PDF) 5 Page - Recom International Power

Part # RP75-483.32.5DIP
Description  75 Watt Isolated Single & Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP75-483.32.5DIP Datasheet(HTML) 5 Page - Recom International Power

  RP75-483.32.5DIP Datasheet HTML 1Page - Recom International Power RP75-483.32.5DIP Datasheet HTML 2Page - Recom International Power RP75-483.32.5DIP Datasheet HTML 3Page - Recom International Power RP75-483.32.5DIP Datasheet HTML 4Page - Recom International Power RP75-483.32.5DIP Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Trim Up
RU
Trim Down
RD
9(6)
10(7)
10(7)
8(5)
Product Options Table
External Output Trimming
Output can be externally trimmed by using the method
shown below.
( ) for V2 output trim
Package Style and Pinning (mm)
INNOLINE
DC/DC-Converter
3rd angle
projection
60.96
57.91
Bottom View
50.80
35.56
15.24
10.16
25.40
40.64
4
3
2
8
7
6
9
10
12.70
5.08
48.26
Side View
4xM3 x 0.5 ( Note 10)
5
1
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin pitch tolerance 0.35mm
Pin Connections
Pin #
Function
Pin Ø
1
–Vin
1.016 mm
2
Case
1.016 mm
3
Remote ON/OFF
1.016 mm
4
+Vin
1.016 mm
5
+V2
1.016 mm
6
–V2 (Com)
1.016 mm
7
V2 Trim
1.016 mm
8
+V1
1.016 mm
9
+V1 (Com)
1.016 mm
10
V1 Trim
1.016 mm
Option
Suffix
Negative remote ON/OFF logic, 0.20” pin length (standard)
Negative remote ON/OFF logic, 0.145” pin length
L
Negative remote ON/OFF logic, 0.11” pin length
K
Positive remote ON/OFF logic, 0.20” pin length
P
Positive remote ON/OFF logic, 0.145” pin length
S
Positive remote ON/OFF logic, 0.11” pin length
M
Example: RP75-483.305I/N
RP75-S_DI
Series
Dual Output
July-2006
www.recom-international.com
190


Similar Part No. - RP75-483.32.5DIP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP75-483.32.5DI RECOM-RP75-483.32.5DI Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
More results

Similar Description - RP75-483.32.5DIP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP75-481.8S RECOM-RP75-481.8S Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
RP100-481.8S RECOM-RP100-481.8S_06 Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-481.8S RECOM-RP100-481.8S Datasheet
107Kb / 6P
   100 Watt Isolated Single & Dual Output
RP75-481.8SB RECOM-RP75-481.8SB Datasheet
83Kb / 4P
   75 Watt Single Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com