Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSZ-1903 Datasheet(PDF) 1 Page - Recom International Power

Part # RSZ-1903
Description  1 Watt SMD Miniature Isolated Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSZ-1903 Datasheet(HTML) 1 Page - Recom International Power

  RSZ-1903 Datasheet HTML 1Page - Recom International Power RSZ-1903 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26
www.recom-international.com
July-2006
Selection Guide
Specifications (Core Operating Area)
1 Watt
SMD Miniature
Isolated
Single Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RSZ/P
Series
1kVDC & 2kVDC Isolation
UL94V-0 Package Material
No Heatsink Required
No External Components Required
Toroidal Magnetics
Optional Continuous Short Circuit Protected
Features
Regulated
Converters
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
70
Part
Input
Output
Output
Number
Voltage
Voltage
Current
SMD
2kVDC
(VDC)
(VDC)
(mA)
RSZ-xxxx
(H)
3.3, 5, 6, 7, 8, 9, 10, 11, 12, 13,
3, 4, 5, 6, 7, 8, 9,
Depending
14, 15, 16, 17, 18, 19, 20, 21,
10, 11, 12, 13, 14
on
Standard
22, 23, 24, 25, 26, 27, 28
Output Voltage
With Short Circuit Protection
RSZ-xx03/P
(H)
3.3, 5, 6, 7, 8, 9, 10, 11, 12, 13,
3
200
14, 15, 16, 17, 18, 19, 20, 21,
22, 23, 24, 25, 26, 27, 28
RSZ-xx3.3/P
(H)
3.3, 5, 6, 7, 8, 9, 10, 11, 12, 13,
3.3
200
14, 15, 16, 17, 18, 19, 20, 21,
22, 23, 24, 25, 26, 27, 28
RSZ-xx4.85/P (H)
3.3, 5, 6, 7, 8, 9, 10, 11, 12, 13,
4.85
200
14, 15, 16, 17, 18, 19, 20, 21,
22, 23, 24, 25, 26, 27, 28
RSZ-xx05/P
(H)
3.3, 5, 6, 7, 8, 9, 10, 11, 12, 13,
5
200
14, 15, 16, 17, 18, 19, 20, 21,
22, 23, 24, 25, 26, 27, 28
Input Voltage Range
±5%
Output Voltage Accuracy
±2%
Line Voltage Regulation
1% max.
Load Voltage Regulation
1% max.
Output Ripple and Noise (at 20MHz BW)
100mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
50% min. / 60% typ.
No Load Power Consumption
134mW min. / 217mW typ. / 350mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
70pF typ.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air)
-40°C to +70°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature ROHS compliant (for more details see Application Notes)
245°C (30 sec) max.
Relative Humidity
95% RH
continued on next page
Ordering Example: RSZ-0514 (5VDC Input, 14VDC Output)
RSZ-244.8/HP (with 24VDC input, 4.85VDC Output, 2kVDC Isolation and
Continuous Short Circuit Protection)
xx = Input Voltage


Similar Part No. - RSZ-1903

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSZ-xx05 RECOM-RSZ-xx05 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-xx05/P RECOM-RSZ-xx05/P Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-xx09 RECOM-RSZ-xx09 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-xx12 RECOM-RSZ-xx12 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ-xx3.3/P RECOM-RSZ-xx3.3/P Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
More results

Similar Description - RSZ-1903

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1Z RECOM-R1Z Datasheet
88Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
RSZ RECOM-RSZ_10 Datasheet
98Kb / 2P
   1 Watt SMD Miniature Isolated Single Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
   1 Watt SMD Isolated Single Output
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
   0.5 Watt SMD Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
   0.5 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
   0.25 Watt SMD Isolated Single Output
R1SE RECOM-R1SE Datasheet
227Kb / 3P
   1 Watt SMD Single Output
R1SX RECOM-R1SX Datasheet
447Kb / 6P
   1 Watt SMD Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com