Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-483.312TG Datasheet(PDF) 4 Page - Recom International Power

Part # RP40-483.312TG
Description  40 Watt Single, Dual, Positive Dual & Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-483.312TG Datasheet(HTML) 4 Page - Recom International Power

  RP40-483.312TG Datasheet HTML 1Page - Recom International Power RP40-483.312TG Datasheet HTML 2Page - Recom International Power RP40-483.312TG Datasheet HTML 3Page - Recom International Power RP40-483.312TG Datasheet HTML 4Page - Recom International Power RP40-483.312TG Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP40-S_D_TG
Series
Load Regulation (10% to 100% full load see Note 9 and 10)
Single
±0.5%
Dual
±1%
Triple Main
±2%
Auxiliary
±5%
Cross Regulation (Note 11)
Triple Main
±1%
Dual / Triple Auxiliary
±5%
Ripple and Noise (20MHz bandwith)
Single 1.5, 1.8, 2.5, 3.3, 5V
50mVp-p
(Measured with a 1004pF/50V MLCC)
Single 12, 15V
75mVp-p
Dual 12V
120mVp-p
Dual 15V
150mVp-p
RP40-xx3.305DG
100mVp-p
(see Note 12)
RP40-xxxxxxTG
50 / 75mVp-p
Temperature Coefficient
±0.02%/°C max.
Transient Response (25% load step change)
300µs
Over Voltage Protection
1.5, 1.8, 2.5, 3.3V
3.9V
Zener diode clamp (only single)
5V
6.2V
12V
15V
15V
18V
Over Load Protection (% of full load at nominal Vin)
150% max.
Short Circuit Protection
Hiccup, automatic recovery
Efficiency
see „Selection Guide“ table
Isolation Voltage
1600VDC min.
Isolation Resistance
1 G
Ω min.
Isolation Capacitance
1000pF max.
Operating Frequency (see Note 14)
300kHz typ.
Approved to Safety Standards
Single,Triple
UL 1950, EN60950
Dual
EN60950
Operating Temperature Range
-40°C to +85°C(with derating)
Maximum Case Temperature
100°C
Storage Temperature Range
-55°C to +105°C
Thermal Impedance (see Note 8)
Natural convection
9.2°C/Watt
Heat Sink with 20LFM
8.5°C/Watt
Heat Sink with 500LFM
2.8°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel plated copper
Base Material
Non-conductive black plastic FR4
Potting Material
Epoxy (UL94-V0)
Conducted Emissions (see Note 16)
EN55022
Level A
Radiated Emissions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria 2
Radiated Immunity
EN61000-4-3
Perf. Criteria 2
Fast Transient
EN61000-4-4
Perf. Criteria 2
Surge
EN61000-4-5
Perf. Criteria 2
Conducted Immunity
EN61000-4-6
Perf. Criteria 2
Weight
60g
Dimensions
50.8 x 50.8 x 10.2mm
MTBF (see Note 2)
1398 x 103 hours
July-2006
www.recom-international.com
278


Similar Part No. - RP40-483.312TG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-483.312TG RECOM-RP40-483.312TG Datasheet
110Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP40-483.312TG RECOM-RP40-483.312TG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-483.312TG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com