Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBL22041BB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # FBL22041BB
Description  3.3V BTL 7-bit Futurebus transceiver standard A-port
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL22041BB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FBL22041BB Datasheet HTML 3Page - NXP Semiconductors FBL22041BB Datasheet HTML 4Page - NXP Semiconductors FBL22041BB Datasheet HTML 5Page - NXP Semiconductors FBL22041BB Datasheet HTML 6Page - NXP Semiconductors FBL22041BB Datasheet HTML 7Page - NXP Semiconductors FBL22041BB Datasheet HTML 8Page - NXP Semiconductors FBL22041BB Datasheet HTML 9Page - NXP Semiconductors FBL22041BB Datasheet HTML 10Page - NXP Semiconductors FBL22041BB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
FBL22041
3.3V BTL 7-bit Futurebus+ transceiver (standard A-port)
1998 Aug 12
7
ABSOLUTE MAXIMUM RATINGS
Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free-air temperature range.
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
-0.5 to +4.6
V
VIN
Input voltage
AI0 – AI6, OEB0, OEBn, OEAn
-0.5 to +7.0
V
VIN
In ut voltage
B0 – B6
-0.5 to +3.5
IIN
Input current
VIN t 0
-50
VOUT
Voltage applied to output in High output state
-0.5 to +7.0
V
IOUT
Current applied to output in
AO0 – AO6
48, –24
mA
IOUT
Low output state/High output state
B0 – B6
200
TSTG
Storage temperature
-65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
COMMERCIAL LIMITS
VCC = 3.3V±10%;
Tamb = 0 to +70°C
UNIT
MIN
TYP
MAX
VCC
Supply voltage
3.0
3.3
3.6
V
VIH
High-level input voltage
Except B0–B6
2.0
V
VIH
High-level in ut voltage
B0 – B6
1.62
1.55
VIL
Low-level input voltage
Except B0–B6
0.8
V
VIL
Low-level in ut voltage
B0 – B6
1.47
IIK
Input clamp current
-18
mA
IOH
High-level output current
AO0 – AO6
-12
mA
IOL
Low-level output current
AO0 – AO6
12
mA
IOL
Low-level out ut current
B0 – B6
100
COB
Output capacitance on B port
6
7
pF
Tamb
Operating free-air temperature range
0
+70
°C


Similar Part No. - FBL22041BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040BB PHILIPS-FBL22040BB Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results

Similar Description - FBL22041BB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL2041 PHILIPS-FBL2041 Datasheet
94Kb / 12P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
logo
NXP Semiconductors
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com