Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-1209S Datasheet(PDF) 3 Page - Recom International Power

Part # RS-1209S
Description  2 Watt SIP8 Isolated Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS-1209S Datasheet(HTML) 3 Page - Recom International Power

  RS-1209S Datasheet HTML 1Page - Recom International Power RS-1209S Datasheet HTML 2Page - Recom International Power RS-1209S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12
5
36 7 8
3.20
0.32
2.0
9.20
21.80
RECOM
RS- xxxx
****
12
5
36 7 8
0.50±0.05
3.80
0.50±0.05
11.10
RECOM
RS- xxxx
****
RECOM
RS- xxxxD
****
2.54
2.54
1.0ø+0.15/–0
Top View
Bottom View
Single Output
Dual Output
3rd angle
projection
Recommended Footprint Details
Application circuit
8 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin 3 (CTRL)
This pin provides an Off function which puts the
converter into a low power mode. When the pin
is ‘high’ the converter is OFF and when the pin
is high ‘Z’ the converter is ON. There is no allo-
wed low state for this pin. Voltage to be applied
via a limiting resistor with a recommended
value of 1K for RS-05xx; 3.3K for RS-12xx; RS-
24xx and 10K for RS-48xx).
Pin 5 (NC)
This pin is used internally and must have no
external connection.
Pin 8 (NC*)
No external connection allowed.
Control Pin Input Current:
10mA
Voltage Set Point Accuracy
with external input/output
capacitors refer to
typ. ± 1%
recommended test circuit:
max. ±2%
Control Pin (CTRL) Input
Current, control voltage
applied via 1K resistor,
output voltage must
typ. 3mA
reduce to 0V:
max. 6mA
ECONOLINE
DC/DC-Converter
RS
Series
Package Style and Pinning (mm)
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3
CTRL
CTRL
5NC
NC
6
+Vout
+Vout
7
–Vout
Com
8
NC*
–Vout
NC = No Connection
NC* = NC, but no external Connection allowed.
DC/DC
Converter
-Vin
-Vout
+Vout
+Vin
Ctrl
1 KW
Lin
RS- types
4.7µH ~ 100µH
Cout
RS- types
22µF ~ 100µF/25V
Remote ON/OFF
ON:
open or high impedance.
OFF:
3---6mA input current applied Via 1K
Ω resistor
(OFF stand by current 10mA max.)
January-2007
www.recom-international.com
90


Similar Part No. - RS-1209S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-1209 RECOM-RS-1209 Datasheet
113Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RS-1209/H2 RECOM-RS-1209/H2 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-1209/H3 RECOM-RS-1209/H3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-1209D/H2 RECOM-RS-1209D/H2 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-1209D/H3 RECOM-RS-1209D/H3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RS-1209S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
REM2 RECOM-REM2 Datasheet
700Kb / 7P
   2 Watt SIP8 Single and Dual Output
RSK-RUW RECOM-RSK-RUW Datasheet
1Mb / 4P
   2 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com