Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PST92XX Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part No. PST92XX
Description  IC for System Reset Monolithic IC
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

PST92XX Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUMI
IC for System Reset PST92XX
Absolute Maximum Ratings
MITSUMI
Pin Description
Recommended Operating Conditions
Pin No.
Pin name
Functions
1
TC
TPLH control pin
2
SUB
Substrate pin*1
3
GND
GND pin
4
VOUT
Reset signal output pin
5
VCC
VCC pin/voltage detect pin
Note 1 : Connect to GND.
Item
Symbol
Ratings
Unit
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+175
°C
Supply voltage
VCC max.
-0.3~+110
V
Allowable loss
Pd
150
mW
Item
Symbol
Ratings
Unit
Operating temperature
TOPR
-20~+75
°C
Supply voltage
VCC
-0.3~+10
V
Electrical Characteristics (Ta=25°C) (Except where noted otherwise, resistance unit is Ω)
Item
Symbol
Measurement
Measurement conditions
Min.
Typ.
Max.
Unit
circuit
PST9246 4.531
4.600
4.669
PST9245 4.432
4.500
4.568
PST9244 4.334
4.400
4.466
PST9243 4.235
4.300
4.365
PST9242 4.137
4.200
4.263
PST9241 4.038
4.100
4.162
PST9240 3.940
4.000
4.060
PST9239 3.841
3.900
3.959
PST9238 3.743
3.800
3.857
PST9237 3.644
3.700
3.756
PST9236 3.546
3.600
3.654
PST9235 3.447
3.500
3.553
VCC=H
L
PST9234 3.349
3.400
3.451
Detecting voltage
VS
1RL=4.7k
PST9233 3.250
3.300
3.350
V
VOL <
= 0.4V
PST9232 3.152
3.200
3.248
PST9231 3.053
3.100
3.147
PST9230 2.955
3.000
3.045
PST9229 2.856
2.900
2.944
PST9228 2.758
2.800
2.842
PST9227 2.659
2.700
2.741
PST9226 2.561
2.600
2.639
PST9225 2.462
2.500
2.538
PST9224 2.364
2.400
2.436
PST9223 2.265
2.300
2.335
PST9222 2.167
2.200
2.233
PST9221 2.068
2.100
2.132
PST9220 1.970
2.000
2.030
PST9219 1.871
1.900
1.929


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM1136IC for System Reset with built-in watchdog timer Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
PST70XXIC for System Reset Monolithic IC 1 2 3 Mitsumi Electronics, Corp.
PST38XXUIC for CMOS System Reset Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
PST90XXIC for System Reset Monolithic IC 1 2 3 Mitsumi Electronics, Corp.
PST37XXUIC for CMOS System Reset Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
PST31XXIC for CMOS System Reset 1 2 3 4 5 MoreMitsumi Electronics, Corp.
PST35XXIC for CMOS System Reset 1 2 3 4 5 MoreMitsumi Electronics, Corp.
NCP1010Self−Supplied Monolithic Switcher for Low Standby−Power Offline SMPS 1 2 3 4 5 MoreON Semiconductor
CS4961XXNew Audio System Processors are Ideal for Digital Audio Networking Applications 1 2 Cirrus Logic
MM3018IC for CMOS Regulator+Reset Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn