Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C8-FR1 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part No. C8-FR1
Description  Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

C8-FR1 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUMI
Power Inductors
DATA LIST (C10-FR1 Series)
* Rated current (L value) : A current value obtained when the inductance value has dropped by 10% of the initial value in DC superimposition
characteristic.
Rated current (temperature) : A current value where the temperature rise becomes 20˚C when flowing a current at normal temperature.
Inductance
Unloaded Q
Self Resonant
DC
Rated
Distinctive
Frequency
Resistance
Current *
Name
Marking
(µH)
(MHz)
(
Ω)
(A)
Remarks
(f=1kHz)
Tolerance
min.
Measured
min.
max.
(%)
Frequency (MHz)
L
Temperature
GH
392
3,900
±5
50
0.252
540
6.4
0.28
0.20
GJ
472
4,700
±5
50
0.252
490
7.1
0.25
0.19
GK
562
5,600
±5
50
0.252
410
9.0
0.22
0.17
GL
682
6,800
±5
50
0.252
380
10
0.21
0.16
GM
822
8,200
±5
50
0.252
360
12
0.19
0.15
HA
103
10,000
±5
60
0.0796
290
19
0.15
0.12
HB
123
12,000
±5
60
0.0796
270
21
0.14
0.11
HC
153
15,000
±5
60
0.0796
240
34
0.13
0.090
HD
183
18,000
±5
60
0.0796
210
38
0.12
0.081
HE
223
22,000
±5
60
0.0796
200
43
0.11
0.075
HF
273
27,000
±5
60
0.0796
150
67
0.098
0.060
HG
333
33,000
±5
40
0.0796
140
76
0.094
0.056
HH
393
39,000
±5
40
0.0796
130
84
0.084
0.053
HJ
473
47,000
±5
40
0.0796
120
96
0.075
0.050
HK
563
56,000
±5
40
0.0796
100
170
0.072
0.036
HL
683
68,000
±5
30
0.0796
95
200
0.071
0.035
HM
823
82,000
±5
30
0.0796
88
210
0.063
0.033
JA
104
100,000
±5
30
0.0252
85
240
0.058
0.031
JB
124
120,000
±5
30
0.0252
70
260
0.053
0.030
JC
154
150,000
±5
30
0.0252
69
300
0.048
0.028


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C8-HPower Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
C3-KPower Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
VC0513Medium Power Axial Inductors 1 2 List of Unclassifed Manufacturers
8400-XXXInductors Surface Mount Drum Core Power Inductors 1 Filtran LTD
8401-XXXInductors SMT Power Inductors 1 Filtran LTD
8402-XXXInductors Surface Mount High Current Power Inductors 1 Filtran LTD
8403-XXXInductors Surface Mount Drum Core Power Inductors 1 Filtran LTD
8404-XXXInductors Surface Mount Drum Core Power Inductors 1 Filtran LTD

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn