Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-481.8SEW Datasheet(PDF) 4 Page - Recom International Power

Part # RP30-481.8SEW
Description  30 Watt Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-481.8SEW Datasheet(HTML) 4 Page - Recom International Power

  RP30-481.8SEW Datasheet HTML 1Page - Recom International Power RP30-481.8SEW Datasheet HTML 2Page - Recom International Power RP30-481.8SEW Datasheet HTML 3Page - Recom International Power RP30-481.8SEW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP30-S_DEW
Series
Weight
48g
Dimensions
50.8 x 40.6 x 10.2mm
MTBF (see Note 2)
1315 x 103 hours
Notes :
Package Style and Pinning (mm)
5
50.80
5.10
15.20
17.80
40.60
2
4
45.70
12.70
10.20
17.80
10.20
8
7
6
1
5.6
10.20
dia.
1.0
Bottom View
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4 ^
CTRL
CTRL
5
No Pin
+Vout
6
+Vout
Com
7
-Vout
-Vout
8
Trim
Trim
Trim Up
RU
Trim Down
RD
7(7)
8(8)
8(8)
6(5)
External Output Trimming
Output can be externally trimmed by using the method
shown below.
( ) for dual output trim
1. An external filter capacitor is required for normal operation. The capacitor should be capable of handing 1A ripple current for 48V/24V models.
RECOM suggest: Nippon chemi-con KMF series, 220µF/100V, ESR 90m
Ω.
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. Simulated source impedance of 12µH. 12µH inductor in series with +Vin.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input.
Positive logic ON/OFF is standard, no suffix (Ex. RP30-2405SEW)
Negative logic ON/OFF is marked with suffix-N (Ex. RP30-2405SEW/N).
8. Heat sink is optional and P/N: 7G-0011A.
9. The dual output required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage
these devices, however they may not meet all listed specification.
10.See application notes for EMI-filtering.
July-2006
269
www.recom-international.com


Similar Part No. - RP30-481.8SEW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-481.8SEW RECOM-RP30-481.8SEW Datasheet
273Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP30-481.8SEW RECOM-RP30-481.8SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-481.8SEW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com