Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FBL22033 Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. FBL22033
Description  3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

FBL22033 Datasheet(HTML) 12 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Philips Semiconductors
Product specification
FBL22033
3.3V BTL 8-bit latched/registered/pass-thru
universal transceiver with 30
Ω termination
1999 Apr 15
12
TEST CIRCUIT AND WAVEFORMS
2.5ns
2.0ns
500ns
500ns
INPUT PULSE REQUIREMENTS
Rep. Rate
Amplitude
tTLH
tTHL
1MHz
3.0V
2.5ns
Input Pulse Definitions
VM = 1.55V for Bn, VM = 1.5V for all others.
VCC
Family
FB+
D.U.T.
PULSE
GENERATOR
7.0V
RL
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs on A Port
TEST
SWITCH
SWITCH POSITION
tPLZ, tPZL
All other
closed
open
DEFINITIONS:
RL = Load Resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance; see AC
CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of pulse generators.
CD = Load capacitance includes jig and probe capacitance; see AC
CHARACTERISTICS for value.
RU = Pull up resistor; see AC CHARACTERISTICS for value.
tW
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
AMP (V)
LOW V
LOW V
tTHL (tf)
tTLH (tr)
tW
tW
Low V
0.0V
tTLH (tr)
tTHL (tf)
AMP (V)
A Port
1MHz
2.0V
2.0ns
1.0V
B Port
VCC
D.U.T.
PULSE
GENERATOR
RU
CD
RT
VIN
VOUT
Test Circuit for Outputs on B Port
BIAS
V
2.0V (for RU = 9 Ω)
2.1V (for RU = 16.5 Ω)
SG00063


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn